Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8550AEITA220 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8550AEITA220
Description  Voltage Detector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8550AEITA220 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8550AEITA220 Datasheet HTML 5Page - Analog Microelectronics AME8550AEITA220 Datasheet HTML 6Page - Analog Microelectronics AME8550AEITA220 Datasheet HTML 7Page - Analog Microelectronics AME8550AEITA220 Datasheet HTML 8Page - Analog Microelectronics AME8550AEITA220 Datasheet HTML 9Page - Analog Microelectronics AME8550AEITA220 Datasheet HTML 10Page - Analog Microelectronics AME8550AEITA220 Datasheet HTML 11Page - Analog Microelectronics AME8550AEITA220 Datasheet HTML 12Page - Analog Microelectronics AME8550AEITA220 Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AME, Inc.
9
AME8550
Voltage Detector
n Ordering Information (contd.)
Part Number
Marking
Output Voltage
Package
Operating Temp. Range
AME8550BEEVC290
AYEww
2.9V
SOT-25
-40
oC to +85oC
AME8550BEEVC290L
AYEww
2.9V
SOT-25
-40
oC to +85oC
AME8550BEEVC290Z
AYEww
2.9V
SOT-25
-40
oC to +85oC
AME8550BEEVC290Y
AYEww
2.9V
SOT-25
-40
oC to +85oC
AME8550AEETA300
AYFww
3.0V
SOT-23
-40
oC to +85oC
AME8550AEETA300L
AYFww
3.0V
SOT-23
-40
oC to +85oC
AME8550AEETA300Z
AYFww
3.0V
SOT-23
-40
oC to +85oC
AME8550AEETA300Y
AYFww
3.0V
SOT-23
-40
oC to +85oC
AME8550AEFTA300
A8550A
A300ww
3.0V
SOT-89
-40
oC to +85oC
AME8550AEFTA300Z
A8550A
A300ww
3.0V
SOT-89
-40
oC to +85oC
AME8550CEEVA300
AYGww
3.0V
SOT-25
-40
oC to +85oC
AME8550CEEVA300L
AYGww
3.0V
SOT-25
-40
oC to +85oC
AME8550CEEVA300Z
AYGww
3.0V
SOT-25
-40
oC to +85oC
AME8550CEEVA300Y
AYGww
3.0V
SOT-25
-40
oC to +85oC
AME8550AEETB340
AYHww
3.4V
SOT-23
-40
oC to +85oC
AME8550AEETB340L
AYHww
3.4V
SOT-23
-40
oC to +85oC
AME8550AEETB340Z
AYHww
3.4V
SOT-23
-40
oC to +85oC
AME8550AEETB340Y
AYHww
3.4V
SOT-23
-40
oC to +85oC
AME8550AEFTB340
A8550A
B340ww
3.4V
SOT-89
-40
oC to +85oC
AME8550AEFTB340Z
A8550A
B340ww
3.4V
SOT-89
-40
oC to +85oC
AME8550CEEVB340
AYIww
3.4V
SOT-25
-40
oC to +85oC
AME8550CEEVB340L
AYIww
3.4V
SOT-25
-40
oC to +85oC
AME8550CEEVB340Z
AYIww
3.4V
SOT-25
-40
oC to +85oC
AME8550CEEVB340Y
AYIww
3.4V
SOT-25
-40
oC to +85oC


Similar Part No. - AME8550AEITA220

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8500 AME-AME8500 Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500 AME-AME8500 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEET AME-AME8500AEET Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500AEETAA15 AME-AME8500AEETAA15 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEETAA16 AME-AME8500AEETAA16 Datasheet
410Kb / 14P
   UProcessor Supervisory
More results

Similar Description - AME8550AEITA220

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com