Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ733-2C-5D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AZ733-2C-5D
Description  DPDT MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ733-2C-5D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ733-2C-5D Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ733-2C-5D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
DPST (2 Form A)
DPDT (2 Form C)
Ratings
Resistive load:
Max. switched power: 300 W or 2500 VA
Max. switched current: 10 A
Max. switched voltage: 150* VDC or 380 VAC
*Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Rated Load
10 A at 250 VAC General Use, 100k cycles[1][2][3]
10 A at 30 VDC N.O. Resistive 100k cycles [1]
10 A at 30 VDC N.C. Resistive 50k cycles [1]
10 A at 30 VDC N.O./N.C. Resistive 25k cycles[2][3]
1
/4 HP at 240 VAC [1]
1
/8 HP at 120 VAC [1]
TV-3 at 125 VAC (2 Form A) [1]
TÜV
5 A at 30 VDC, 250 VAC resistive, 100k cycles
[1][2][3]
[1] Silver cadmium oxide [2] Silver tin oxide [3] Silver
nickel
Material
Silver cadmium oxide, silver tin oxide or silver nickel,
gold plating available
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
AZ733
09/14/04W
DPDT MINIATURE
POWER RELAY
FEATURES
• Dielectric strength 5000 Vrms
• Low cost
• Epoxy sealed version available
• 10 Amp switching — double pole contacts
• Isolation spacing greater than 8mm
• UL Class B insulation system
• UL, CUR file E44211
• TÜV file R9659062
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 10 A 240 VAC Res.
Operate Time (typical)
8 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms contact to coil
(at sea level for 1 min.) 1000 Vrms between open contacts
3000 Vrms between contact sets
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
Operating
-40°C (-40°F) to 90°C (194°F)
Storage
-40°C (-40°F) to 130°C (266°F)
Vibration
0.062" DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
18 grams
COIL
Power
At Pickup Voltage
257 mW
(typical)
Max. Continuous
Dissipation
1.9 W at 20°C (68°F) ambient
Temperature Rise
34°C (61°F) at nominal coil voltage
Temperature
Max. 130°C (266°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ733-2C-5D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ733-2C-5D AZETTLER-AZ733-2C-5D Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733-2C-5D ZETTLER-AZ733-2C-5D Datasheet
47Kb / 2P
   DPDT MINIATURE POWER RELAY
More results

Similar Description - AZ733-2C-5D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733 ZETTLER-AZ733 Datasheet
47Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Picker Components
PC459 PICKER-PC459_14 Datasheet
195Kb / 2P
   DPDT Miniature PCB Power Relay
PC459 PICKER-PC459 Datasheet
183Kb / 2P
   DPDT Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
AZ743 ZETTLER-AZ743_13 Datasheet
47Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
AZ743 AZETTLER-AZ743 Datasheet
183Kb / 3P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com