Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P16VME6TG Datasheet(PDF) 3 Page - STMicroelectronics

Part # M25P16VME6TG
Description  512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16VME6TG Datasheet(HTML) 3 Page - STMicroelectronics

  M25P16VME6TG Datasheet HTML 1Page - STMicroelectronics M25P16VME6TG Datasheet HTML 2Page - STMicroelectronics M25P16VME6TG Datasheet HTML 3Page - STMicroelectronics M25P16VME6TG Datasheet HTML 4Page - STMicroelectronics M25P16VME6TG Datasheet HTML 5Page - STMicroelectronics M25P16VME6TG Datasheet HTML 6Page - STMicroelectronics M25P16VME6TG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
M25PXX
Figure 5. Block Diagram
AI10261
HOLD
S
W
Control Logic
High Voltage
Generator
I/O Shift Register
Address Register
and Counter
256 Byte
Data Buffer
256 Bytes (Page Size)
X Decoder
Size of the
read-only
memory area
C
D
Q
Status
Register
00000h
Top of Address Space
000FFh


Similar Part No. - M25P16VME6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
M25P16 STMICROELECTRONICS-M25P16 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
Numonyx B.V
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
M25P16-VME3 NUMONYX-M25P16-VME3 Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
logo
STMicroelectronics
M25P16-VME3G STMICROELECTRONICS-M25P16-VME3G Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
More results

Similar Description - M25P16VME6TG

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
   512-Kbit, serial flash memory, 50 MHz SPI bus interface
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
   512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
   512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
logo
Numonyx B.V
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
   32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com