Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2100-1A-110D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AZ2100-1A-110D
Description  MINIATURE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ2100-1A-110D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AZ2100-1A-110D Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ2100-1A-110D Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ2100-1A-110D Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ2100-1A-110D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AZ2100
1/17/01W
RELAY ORDERING DATA: UL 508 Group B
STANDARD RELAYS: 1 Form A (SPST N.O.)
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
Unsealed
Sealed
VDC
VDC
±10%
VDC
5
7.3
27
3.75
AZ2101–1A–5D
AZ2101–1A–5DE
6
8.9
40
4.5
AZ2101–1A–6D
AZ2101–1A–6DE
9
13.9
97
6.75
AZ2101–1A–9D
AZ2101–1A–9DE
12
17.5
155
9.0
AZ2101–1A–12D
AZ2101–1A–12DE
15
22.5
256
11.25
AZ2101–1A–15D
AZ2101–1A–15DE
18
27.4
380
13.5
AZ2101–1A–18D
AZ2101–1A–18DE
24
36.1
660
18.0
AZ2101–1A–24D
AZ2101–1A–24DE
48
68.4
2,560
36.0
AZ2101–1A–48D
AZ2101–1A–48DE
70
104.4
5,500
52.5
AZ2101–1A–70D
AZ2101–1A–70DE
110
163.2
13,450
82.5
AZ2101–1A–110D
AZ2101–1A–110DE
STANDARD RELAYS: 1 Form C (SPDT)
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
Unsealed
Sealed
VDC
VDC
±10%
VDC
5
7.3
27
3.75
AZ2101–1C–5D
AZ2101–1C–5DE
6
8.9
40
4.5
AZ2101–1C–6D
AZ2101–1C–6DE
9
13.9
97
6.75
AZ2101–1C–9D
AZ2101–1C–9DE
12
17.5
155
9.0
AZ2101–1C–12D
AZ2101–1C–12DE
15
22.5
256
11.25
AZ2101–1C–15D
AZ2101–1C–15DE
18
27.4
380
13.5
AZ2101–1C–18D
AZ2101–1C–18DE
24
36.1
660
18.0
AZ2101–1C–24D
AZ2101–1C–24DE
48
68.4
2,560
36.0
AZ2101–1C–48D
AZ2101–1C–48DE
70
104.4
5,500
52.5
AZ2101–1C–70D
AZ2101–1C–70DE
110
163.2
13,450
82.5
AZ2101–1C–110D
AZ2101–1C–110DE
*Substitute “1B” in place of “1A or 1C” to indicate 1 Form B. To indicate Class F version, add suffix “F”.
Other coil resistances and sensitivities available upon request. Please contact the factory.
MECHANICAL DATA
WIRING DIAGRAM
PC BOARD LAYOUT
I FORM A
(SPST - NO)
I FORM B
(SPST - NC)
I FORM C
(SPDT)
Viewed toward terminals
Viewed toward terminals
.032
(0.81)
.250
(6.35)
1.27
(32.23)
1.08
(27.4)
.240
(6.1)
1.10
(27.92)
.130
(3.3)
.032 x .062
(0.81 x 1.57)
.025 x .025
(0.63 x 0.63)
.045 x .045
(1.14 x 1.14)
.140 + .01, –.020
(3.6 + .25, –.51)
(3 PLACES)
(3 PLACES)
.081 x .003
(2.06 x .076)
.900
(22.84)
1.000
(25.38)
.300
(7.6)
.400
(10.2)
.150
(3.81)
.550
(13.97)
.700
(17.78)
.043 x .003
(1.09 x .076)
DIA (4 PLACES)
DIA
.350
(8.89)
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ2100-1A-110D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2100-1A-110D AZETTLER-AZ2100-1A-110D Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
AZ2100-1A-110DE AZETTLER-AZ2100-1A-110DE Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
More results

Similar Description - AZ2100-1A-110D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com