Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV1012 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616LV1012
Description  Very Low Power/Voltage CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1012 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616LV1012 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV1012 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV1012 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1012 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1012 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1012 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1012 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1012 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1012 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Revision 1.0
Apr.
2004
1
R0201-BS616LV1012
Very Low Power/Voltage CMOS SRAM
64K X 16 bit
• Wide Vcc operation voltage : 2.4 ~ 3.6V
• Very low power consumption :
Vcc = 3.0V
C-grade : 22mA (@55ns) operating current
I- grade : 23mA (@55ns) operating current
C-grade : 17mA (@70ns) operating current
I- grade : 18mA (@70ns) operating current
0.4uA (Typ.) CMOS standby current
• High speed access time :
-55
55ns
-70
70ns
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
• I/O Configuration x8/x16 selectable by LB and UB pin
The BS616LV1012 is a high performance, very low power CMOS Static
Random Access Memory organized as 65,536 words by 16 bits and
operates from a wide range of 2.4V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current
of 0.4uA at 3V/25oC and maximum access time of 55ns at 3V/85oC.
Easy
memory
expansion is
provided by an
active LOW chip
enable(CE) and active LOW output enable(OE) and three-state output
drivers.
The BS616LV1012 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS616LV1012 is available in the JEDEC standard 44-pin TSOP
Type II and 48-pin BGA package.
DESCRIPTION
FEATURES
Row
Decoder
Memory Array
512 x 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
A3 A2 A1
Data
Buffer
Input
Control
Gnd
Vcc
OE
WE
CE
DQ15
DQ0
A5
A6
A7
A15
A13
16
16
16
16
14
128
2048
BLOCK DIAGRAM
512
18
A14
A12
A9
A4
A0
A11
A8
Address
Input
Buffer
A10
Address Input Buffer
.
.
.
.
UB
.
.
.
.
LB
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor, Inc. reserves the right to modify document contents without notice.
BS616LV1012
G
H
F
E
D
C
B
A
1
234
5
A9
A8
NC
IO15
NC
A12
NC
A11
A10
A13
WE
IO7
IO14
VCC
VSS
IO9
IO13
A14
IO12
IO11
IO10
NC
NC
A5
IO8
LB
UB
OE
A3
A0
A15
IO5
NC
A7
A6
IO4
IO3
IO1
IO6
VSS
VCC
IO2
A4
A1
CE
A2
IO0
NC
6
A4
A3
A2
A1
A0
CE
DQ0
DQ1
DQ2
DQ3
VCC
GND
DQ4
DQ5
DQ6
DQ7
WE
A15
A14
A13
A12
NC
A5
A6
A7
OE
UB
LB
DQ15
DQ14
DQ13
DQ12
GND
VCC
DQ11
DQ10
DQ9
DQ8
NC
A8
A9
A10
A11
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
BS616LV1012EC
BS616LV1012EI
BSI
POWER DISSIPATION
SPEED
(ns)
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
55ns:2.8~3.6V
70ns:2.5~3.6V
Vcc=3.0V
Vcc=3.0V
55ns
Vcc=3.0V
70ns
PKG TYPE
BS616LV1012EC
TSOP2-44
BS616LV1012AC
+0
O C to +70 O C
2.4V ~ 3.6V
55/70
1.3uA
22mA
17mA
BGA-48-0608
BS616LV1012EI
TSOP2-44
BS616LV1012AI
-40
O C to +85 O C
2.4V ~ 3.6V
55/70
2.5uA
23mA
18mA
BGA-48-0608


Similar Part No. - BS616LV1012

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010AC BSI-BS616LV1010AC Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1010AC55 BSI-BS616LV1010AC55 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616LV1012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC62WV256 ETC-STC62WV256 Datasheet
385Kb / 10P
   VERY LOW POWER/VOLTAGE CMOS SRAM
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com