Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDX001A24M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ASDX001A24M
Description  0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ASDX001A24M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ASDX001A24M Datasheet HTML 1Page - List of Unclassifed Manufacturers ASDX001A24M Datasheet HTML 2Page - List of Unclassifed Manufacturers ASDX001A24M Datasheet HTML 3Page - List of Unclassifed Manufacturers ASDX001A24M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ASDX Series
SPECIFICATION
NOTES
Note 1: Reference Conditions
(unless otherwise noted):
Supply voltage, VS=5.0 ±
0.01 Vdc; Ta=25°C.
Output is ratiometric
within the supply voltage
range (Vs).
Note 2: Span is the algebraic
difference between the
output voltage at the
specified pressure and
the output at zero
pressure. Span is
ratiometric to the supply
voltage.
Note 3: Accuracy is the combined
errors from offset and
span calibration, linearity,
pressure hysteresis, and
temperature effects.
Linearity is the measured
deviation based on a
straight line.
Hysteresis is the
maximum output
difference at any point
within the operating
pressure range for
increasing and decreasing
pressure.
Calibration errors include
the deviation of offset
and full scale from
nominal values.
Note 4: Response time for a 0 psi
to full scale pressure step
change, 10% to 90% rise
time.
Note 5: If maximum burst
pressure is exceeded,
even momentarily, the
package may leak or
burst, or the pressure
sensing die may fracture.
Note 6: The smallest change in
the output voltage, given
any change in pressure.
Note 7: Capacitor 220nF required
between +Vs and GND
pin.
Note 8: Pins 4, 5, 6, 7 and 8 are
internal device
connections and should
not be connected to
external circuitry or
ground.
PRESSURE RANGE SPECIFICATIONS
PERFORMANCE CHARACTERISTICS
(1)
PRESSURE TRANSDUCER
PERFORMANCE CHARACTERISTICS
0
0.5
1
1.5
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
120.0
Temperature (°C)
Error Band Multiplier Over -20°C to +105°C
SenSym
Pressure
Burst
Part No.
Range
Pressure
(5)
Sensitivity
ASDX001
0 –
1 PSI
20 PSI
4.00
V/PSI
ASDX005
0 –
5 PSI
20 PSI
0.80
V/PSI
ASDX015
0 – 15 PSI
30 PSI
0.267 V/PSI
ASDX030
0 – 30 PSI
60 PSI
0.133 V/PSI
ASDX100
0 – 100 PSI
150 PSI
0.040 V/PSI
Characteristic
Symbol Min
Typ
Max
Units
Zero Pressure Offset
Voff
0.420
0.500
0.580
V
Full Scale Span
(2)
Vfss
4.00
V
Output at FS Pressure
Vfso
4.420
4.500
4.580
V
Accuracy
(3)
–––
±2.0
%Vfss
Response Time
(4)
–8
ms
Quantization Step
(6)
–3
mV


Similar Part No. - ASDX001A24M

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
ASDX001D44D SENSORTECHNICS-ASDX001D44D Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
ASDX001D44D-A SENSORTECHNICS-ASDX001D44D-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
ASDX001D44R SENSORTECHNICS-ASDX001D44R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
ASDX001D44R-A SENSORTECHNICS-ASDX001D44R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
ASDX001G24R SENSORTECHNICS-ASDX001G24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
More results

Similar Description - ASDX001A24M

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
1800-07D-L4N-B HONEYWELL-1800-07D-L4N-B Datasheet
346Kb / 4P
   TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
MIP HONEYWELL-MIP Datasheet
1Mb / 8P
   Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
09/21
logo
Motorola, Inc
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
   INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
   INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
logo
Motorola, Inc
MPX2700 MOTOROLA-MPX2700 Datasheet
190Kb / 10P
   0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com