Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ900DP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BUZ900DP
Description  N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BUZ900DP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BUZ900DP Datasheet HTML 1Page - List of Unclassifed Manufacturers BUZ900DP Datasheet HTML 2Page - List of Unclassifed Manufacturers BUZ900DP Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TEC
MAGNA
Magnatec. Telephone (01455) 554711. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
BUZ900DP
BUZ901DP
1
2
3
4
5
6
7
8
9
0
2
4
6
8
10
12
14
16
V
— GATE – SOURCE VOLTAGE (V)
GS
T = 25˚C
C
I = 9A
D
I = 5A
D
D
I = 3A
I = 14A
D
T = 25˚C
C
T = 75˚C
C
V
— GATE – SOURCE VOLTAGE (V)
GS
V
= 10V
DS
0
1
2
3
4
5
6
7
8
9
10
11
0
2
4
6
8
10
12
14
16
18
20
22
T = 100˚C
C
0
10
20
30
40
50
60
70
0
2
4
6
8
10
12
14
16
18
20
22
=
25
0W
H
V
— DRAIN – SOURCE VOLTAGE (V)
DS
0
10
20
30
40
50
60
70
0
3V
1V
6V
5V
4V
7V
T = 25˚C
C
2V
Typical Transfer Characteristics
Typical Output Characteristics
22
2
4
6
8
10
12
14
16
18
20
0
=
25
0W
H
0
10
20
30
40
50
60
70
V
— DRAIN – SOURCE VOLTAGE (V)
DS
T = 75˚C
C
3V
2V
6V
5V
4V
7V
1V
Typical Output Characteristics
Drain – Source Voltage
vs
Gate – Source Voltage
1
10
100
1000
0.1
1
10
100
V
— DRAIN – SOURCE VOLTAGE (V)
DS
T = 25˚C
C
BUZ900D
BUZ901D
D
C
O
PE
RA
TIO
N
Forward Bias Safe Operating Area
0
2
6
8
10
12
14
0.1
1
10
100
4
16
I — DRAIN CURRENT (A)
D
T = 25˚C
C
T = 75˚C
C
V
= 20V
DS
Transconductance


Similar Part No. - BUZ900DP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUZ900 ETC1-BUZ900 Datasheet
43Kb / 4P
   N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
BUZ900 NJSEMI-BUZ900 Datasheet
82Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
BUZ900P SEME-LAB-BUZ900P Datasheet
43Kb / 4P
   N?밅HANNEL POWER MOSFET
logo
List of Unclassifed Man...
BUZ900X4S ETC-BUZ900X4S Datasheet
33Kb / 2P
   NEW PRODUCT UNDER DEVELOPMENT
More results

Similar Description - BUZ900DP

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com