Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV1012ECP55 Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS616LV1012ECP55
Description  Very Low Power/Voltage CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1012ECP55 Datasheet(HTML) 9 Page - Brilliance Semiconductor

  BS616LV1012ECP55 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1012ECP55 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Revision 1.0
Apr.
2004
9
R0201-BS616LV1012
BSI
BS616LV1012
PACKAGE DIMENSIONS (continued)
48 mini-BGA (6 x 8)
D1
VIEW A
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
BALL PITCH e = 0.75
D
8.0
6.0
EN
48
3.75
E1
D1
5.25
NOTES:


Similar Part No. - BS616LV1012ECP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010AC BSI-BS616LV1010AC Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1010AC55 BSI-BS616LV1010AC55 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616LV1012ECP55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC62WV256 ETC-STC62WV256 Datasheet
385Kb / 10P
   VERY LOW POWER/VOLTAGE CMOS SRAM
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com