Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LQ102M180H452 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 381LQ102M180H452
Description  105 C Compact, High-Ripple Snap-in
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

381LQ102M180H452 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  381LQ102M180H452 Datasheet HTML 1Page - List of Unclassifed Manufacturers 381LQ102M180H452 Datasheet HTML 2Page - List of Unclassifed Manufacturers 381LQ102M180H452 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LQ102M180H452 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LQ102M180H452 Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LQ102M180H452 Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LQ102M180H452 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 381LQ 105 °C Compact, High-Ripple Snap-in
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
25 Vdc (32 Vdc Surge)
27000
381LQ273M035A452
0.018
0.014
5.30
6.10
35 x 45
6800
381LQ682M025H012
0.085
0.064
2.40
2.76
22 x 25
33000
381LQ333M035A052
0.015
0.012
5.90
6.79
35 x 50
8200
381LQ822M025H022
0.071
0.053
2.70
3.11
22 x 30
50 Vdc (63 Vdc Surge)
8200
381LQ822M025J012
0.071
0.053
2.70
3.11
25 x 25
2700
381LQ272M050H012
0.154
0.115
1.80
2.07
22 x 25
10000 381LQ103M025H032
0.058
0.044
3.00
3.45
22 x 35
3300
381LQ332M050H022
0.126
0.094
2.00
2.30
22 x 30
12000 381LQ123M025H042
0.048
0.036
3.20
3.68
22 x 40
3900
381LQ392M050H032
0.106
0.080
2.20
2.53
22 x 35
12000
381LQ123M025J022
0.048
0.036
3.20
3.68
25 x 30
3900
381LQ392M050J012
0.106
0.080
2.20
2.53
25 x 25
15000 381LQ153M025H452
0.039
0.029
3.60
4.14
22 x 45
4700
381LQ472M050H042
0.088
0.066
2.50
2.88
22 x 40
15000
381LQ153M025J032
0.039
0.029
3.60
4.14
25 x 35
4700
381LQ472M050J022
0.088
0.066
2.50
2.88
25 x 30
15000 381LQ153M025K012
0.039
0.029
3.60
4.14
30 x 25
5600
381LQ562M050H452
0.074
0.056
2.80
3.22
22 x 45
18000 381LQ183M025H052
0.032
0.024
3.90
4.49
22 x 50
5600
381LQ562M050J032
0.074
0.056
2.80
3.22
25 x 35
18000
381LQ183M025J042
0.032
0.024
3.90
4.49
25 x 40
4700
381LQ472M050H042
0.088
0.066
2.50
2.88
22 x 40
18000 381LQ183M025K022
0.032
0.024
3.90
4.49
30 x 30
4700
381LQ472M050J022
0.088
0.066
2.50
2.88
25 x 30
18000 381LQ183M025A012
0.032
0.024
3.90
4.49
35 x 25
5600
381LQ562M050H452
0.074
0.056
2.80
3.22
22 x 45
22000
381LQ223M025J452
0.026
0.020
4.30
4.95
25 x 45
5600
381LQ562M050J032
0.074
0.056
2.80
3.22
25 x 35
22000 381LQ223M025K032
0.026
0.020
4.30
4.95
30 x 35
5600
381LQ562M050K012
0.074
0.056
2.80
3.22
30 x 25
22000 381LQ223M025A022
0.026
0.020
4.30
4.95
35 x 30
6800
381LQ682M050H052
0.061
0.046
3.30
3.80
22 x 50
27000 381LQ273M025K042
0.021
0.016
4.80
5.52
30 x 40
6800
381LQ682M050J042
0.061
0.046
3.30
3.80
25 x 40
27000 381LQ273M025A032
0.021
0.016
4.80
5.52
35 x 35
6800
381LQ682M050K022
0.061
0.046
3.30
3.80
30 x 30
33000 381LQ333M025K452
0.018
0.013
5.50
6.33
30 x 45
6800
381LQ682M050A012
0.061
0.046
3.30
3.80
35 x 25
33000 381LQ333M025A042
0.018
0.014
5.50
6.33
35 x 40
8200
381LQ822M050J452
0.051
0.038
3.60
4.14
25 x 45
39000 381LQ393M025K052
0.017
0.013
5.80
6.67
30 x 50
8200
381LQ822M050K032
0.051
0.038
3.60
4.14
30 x 35
39000 381LQ393M025A452
0.017
0.014
5.80
6.67
35 x 45
10000
381LQ103M050J052
0.041
0.031
4.00
4.60
25 x 50
47000 381LQ473M025A052
0.017
0.014
6.30
7.25
35 x 50
10000
381LQ103M050K042
0.041
0.031
4.00
4.60
30 x 40
35 Vdc (44 Vdc Surge)
10000
381LQ103M050A022
0.041
0.031
4.00
4.60
35 x 30
4700
381LQ472M035H012
0.106
0.079
2.20
2.53
22 x 25
12000
381LQ123M050K452
0.035
0.026
4.50
5.18
30 x 45
5600
381LQ562M035H022
0.089
0.067
2.40
2.76
22 x 30
12000
381LQ123M050A032
0.035
0.028
4.50
5.18
35 x 35
5600
381LQ562M035J012
0.089
0.067
2.40
2.76
25 x 25
15000
381LQ153M050K052
0.028
0.021
4.80
5.52
30 x 50
6800
381LQ682M035H032
0.073
0.055
2.60
2.99
22 x 35
15000
381LQ153M050A042
0.028
0.022
4.80
5.52
35 x 40
8200
381LQ822M035H042
0.061
0.045
2.90
3.34
22 x 40
18000
381LQ183M050A452
0.023
0.018
5.60
6.44
35 x 45
8200
381LQ822M035J022
0.061
0.045
2.90
3.34
25 x 30
63 Vdc (79 Vdc Surge)
10000 381LQ103M035H452
0.050
0.037
3.20
3.68
22 x 45
2200
381LQ222M063H012
0.151
0.113
2.00
2.30
22 x 25
10000
381LQ103M035J032
0.050
0.037
3.20
3.68
25 x 35
2700
381LQ272M063H022
0.123
0.092
2.20
2.53
22 x 30
10000 381LQ103M035K012
0.050
0.037
3.20
3.68
30 x 25
2700
381LQ272M063J012
0.123
0.092
2.20
2.53
25 x 25
12000
381LQ123M035J042
0.041
0.031
3.50
4.03
25 x 40
3300
381LQ332M063H032
0.100
0.075
2.50
2.88
22 x 35
12000 381LQ123M035K022
0.041
0.031
3.50
4.03
30 x 30
3900
381LQ392M063H042
0.085
0.064
2.70
3.11
22 x 40
12000 381LQ123M035A012
0.041
0.031
3.50
4.03
35 x 25
3900
381LQ392M063J022
0.085
0.064
2.70
3.11
25 x 30
15000
381LQ153M035J452
0.033
0.025
3.90
4.49
25 x 45
3900
381LQ392M063K012
0.085
0.064
2.70
3.11
30 x 25
15000 381LQ153M035K032
0.033
0.025
3.90
4.49
30 x 35
4700
381LQ472M063H452
0.071
0.053
3.00
3.45
22 x 45
15000 381LQ153M035A032
0.033
0.025
3.90
4.49
35 x 30
4700
381LQ472M063J032
0.071
0.053
3.00
3.45
25 x 35
18000 381LQ183M035K042
0.028
0.021
4.30
4.95
30 x 40
5600
381LQ562M063H052
0.059
0.044
3.30
3.80
22 x 50
18000 381LQ183M035A032
0.028
0.021
4.30
4.95
35 x 35
5600
381LQ562M063J042
0.059
0.044
3.30
3.80
25 x 40
22000 381LQ223M035K452
0.023
0.017
5.00
5.75
30 x 45
5600
381LQ562M063K022
0.059
0.044
3.30
3.80
30 x 30
22000 381LQ223M035A042
0.023
0.017
5.00
5.75
35 x 40
5600
381LQ562M063A012
0.059
0.044
3.30
3.80
35 x 25
27000 381LQ273M035K052
0.018
0.014
5.30
6.10
30 x 50
6800
381LQ682M063J452
0.049
0.037
3.60
4.14
25 x 45


Similar Part No. - 381LQ102M180H452

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LQ102M180H452 CDE-381LQ102M180H452 Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
More results

Similar Description - 381LQ102M180H452

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LX472M010H012 ETC2-381LX472M010H012 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
381LQ CDE-381LQ Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com