Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-15-DFB2.5-PD-SFCI-V Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C-15-DFB2.5-PD-SFCI-V
Description  1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C-15-DFB2.5-PD-SFCI-V Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C-15-DFB2.5-PD-SFCI-V Datasheet HTML 1Page - List of Unclassifed Manufacturers C-15-DFB2.5-PD-SFCI-V Datasheet HTML 2Page - List of Unclassifed Manufacturers C-15-DFB2.5-PD-SFCI-V Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
Preliminary
C-15-DFB2.5-XD-SXXXX-X
Wavelength
15
1550
Package
P
Pigtail
R
Receptacle
Pin Assignment
D
D Type
Connector
FC/ST/SC/MU/-
Fiber Output Power
I
Isolator
-
No Isolator
Flange Type
-/O/V/K
ORDERING INFORMATION
C-15-DFB2.5-XD-SXXXX-X
Customer Specified
CASE
LD
PD
FC Receptacle
ST Receptacle
SC Receptacle
Pin 1 : Laser Anode and Monitor Diode Cathode
Pin 2 : Case Gnd
Pin 4 : Monitor Diode Anode
Pin 3 : Laser Cathode
D Type
TOSA(FC,ST,SC,LC)
Connector Type
2.5 Gbps DFB LD Modules-receptacle
LD Pin Assignment
Units in mm


Similar Part No. - C-15-DFB2.5-PD-SFCI-V

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-DFB2.5-PD-SFC2 SOURCE-C-15-DFB2.5-PD-SFC2 Datasheet
742Kb / 6P
   1550nm 2.5G MQW-DFB Laser Diode
C-15-DFB2.5-PD-SFCH SOURCE-C-15-DFB2.5-PD-SFCH Datasheet
742Kb / 6P
   1550nm 2.5G MQW-DFB Laser Diode
C-15-DFB2.5-PD-SFCL SOURCE-C-15-DFB2.5-PD-SFCL Datasheet
742Kb / 6P
   1550nm 2.5G MQW-DFB Laser Diode
C-15-DFB2.5-PD-SFCM SOURCE-C-15-DFB2.5-PD-SFCM Datasheet
742Kb / 6P
   1550nm 2.5G MQW-DFB Laser Diode
More results

Similar Description - C-15-DFB2.5-PD-SFCI-V

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5500S-1490 OPTOWAY-DL-5500S-1490 Datasheet
111Kb / 2P
   1490 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5500S-1650 OPTOWAY-DL-5500S-1650 Datasheet
111Kb / 2P
   1650 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5500S-1625 OPTOWAY-DL-5500S-1625 Datasheet
111Kb / 2P
   1625 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5540 OPTOWAY-DL-5540 Datasheet
117Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5500 OPTOWAY-DL-5500 Datasheet
133Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5300 OPTOWAY-DL-5300 Datasheet
101Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5340 OPTOWAY-DL-5340 Datasheet
94Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500 OPTOWAY-DL-5500_09 Datasheet
94Kb / 5P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com