Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1423 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1423
Description  Secure Digital (SD) Card EMI Filter Array with ESD Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1423 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1423 Datasheet HTML 1Page - California Micro Devices Corp CM1423 Datasheet HTML 2Page - California Micro Devices Corp CM1423 Datasheet HTML 3Page - California Micro Devices Corp CM1423 Datasheet HTML 4Page - California Micro Devices Corp CM1423 Datasheet HTML 5Page - California Micro Devices Corp CM1423 Datasheet HTML 6Page - California Micro Devices Corp CM1423 Datasheet HTML 7Page - California Micro Devices Corp CM1423 Datasheet HTML 8Page - California Micro Devices Corp CM1423 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
01/12/05
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214 ▲ Fax: 408.263.7846 ▲ www.calmicro.com
3
CM1423
Specifications
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Clamping voltage is measured at the opposite side of the EMI filter to the ESD pin. For example, if ESD is applied to Pin A1,
then clamping voltage is measured at Pin C1.
Note 4: Unused pins are left open
Note 5: These parameters are guaranteed by design and characterization.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
DC Power per Resistor
100
mW
DC Package Power Rating
500
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
80
100
120
C
Capacitance
At 2.5V DC, 1MHz, 30mV
AC
912
15
pF
VDIODE
Diode Standoff Voltage
IDIODE = 10µA5.5
V
ILEAK
Diode Leakage Current (reverse bias)
VDIODE = 3.3V
100
nA
VSIG
Signal Voltage
Positive Clamp
Negative Clamp
ILOAD = 10mA
ILOAD = -10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC 61000-4-2
Level 4
Notes 2,4 and 5
±30
±15
kV
kV
VCL
Clamping Voltage during ESD Discharge
MIL-STD-883 (Method 3015), 8kV
Positive Transients
Negative Transients
Notes 2,3,4 and 5
+12
-7
V
V
fC
Cut-off Frequency
ZSOURCE=50Ω, ZLOAD=50Ω
R = 100
Ω, C = 12pF;
Note 5
145
MHz


Similar Part No. - CM1423

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1423 ONSEMI-CM1423 Datasheet
482Kb / 14P
   Secure Digital (SD) Card EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1423-01CP ONSEMI-CM1423-01CP Datasheet
482Kb / 14P
   Secure Digital (SD) Card EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1423-03CP ONSEMI-CM1423-03CP Datasheet
482Kb / 14P
   Secure Digital (SD) Card EMI Filter Array with ESD Protection
April 2010 Rev. 3
More results

Similar Description - CM1423

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1423 ONSEMI-CM1423 Datasheet
482Kb / 14P
   Secure Digital (SD) Card EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
Semtech Corporation
ECLAMP2357NQ SEMTECH-ECLAMP2357NQ Datasheet
995Kb / 8P
   EMI Filter and ESD Protection for Secure Digital Card Interfaces
ECLAMP2357N SEMTECH-ECLAMP2357N Datasheet
208Kb / 7P
   EMI Filter and ESD Protection for Secure Digital Card Interfaces
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
CM1424 CALMIRCO-CM1424 Datasheet
658Kb / 8P
   MultiMedia Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CSPEMI400 ONSEMI-CSPEMI400 Datasheet
1Mb / 11P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 2
logo
California Micro Device...
CM1402 CALMIRCO-CM1402 Datasheet
493Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1402 ONSEMI-CM1402 Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
logo
California Micro Device...
CM1405 CALMIRCO-CM1405 Datasheet
957Kb / 11P
   LCD EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com