Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1203-02CP Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM1203-02CP
Description  1, 2 and 3-Channel ESD Arrays in CSP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1203-02CP Datasheet(HTML) 7 Page - California Micro Devices Corp

  CM1203-02CP Datasheet HTML 1Page - California Micro Devices Corp CM1203-02CP Datasheet HTML 2Page - California Micro Devices Corp CM1203-02CP Datasheet HTML 3Page - California Micro Devices Corp CM1203-02CP Datasheet HTML 4Page - California Micro Devices Corp CM1203-02CP Datasheet HTML 5Page - California Micro Devices Corp CM1203-02CP Datasheet HTML 6Page - California Micro Devices Corp CM1203-02CP Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
06/28/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
7
CM1203
Mechanical Details
CSP Mechanical Specifications
CM1203 devices are packaged in a custom Chip Scale
Package (CSP). Dimensions are shown below. For
complete information on CSP packaging, see the Cali-
fornia Micro Devices CSP Package Information docu-
ment.
Package Dimensions for
CM1203 Chip Scale Package
CSP Tape and Reel Specifications
Figure 9. Tape and Reel Mechanical Data
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
4
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
0.881
0.925
0.971
0.0347
0.0365
0.0382
A2
1.015
1.060
1.105
0.0400
0.0417
0.0435
B1
0.495
0.500
0.505
0.0195
0.0197
0.0199
B2
0.495
0.500
0.505
0.0195
0.0197
0.0199
C1
0.163
0.213
0.263
0.0064
0.0084
0.0104
C2
0.230
0.280
0.330
0.0091
0.0110
0.0130
D1
0.600
0.670
0.739
0.0236
0.0264
0.0291
D2
0.394
0.445
0.495
0.0155
0.0175
0.0195
# per tape and
reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
A
B
1
C1
B1
A1
DIMENSIONS IN MILLIMETERS
D1
D2
BOTTOM VIEW
SIDE
VIEW
2
0.30 DIA.
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
95.5/3.8/0.7 Sn/Ag/Cu (Lead-free)
OptiGuardTM
Coating
PART NUMBER
CHIP SIZE (mm)
POCKET SIZE (mm)
B0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P0
P1
CM1203
1.06 X 0.93 X 0.670
1.14 X 1.00 X 0.70
8mm
178mm (7")
3500
4mm
4mm
Top
For tape feeder reference
Cover
Tape
P1
only including draft.
Concentric around B.
Ko
Embossment
User Direction of Feed
±0.2 mm
Po
Center Lines
of Cavity
W
10 Pitches Cumulative
Tolerance On Tape
Ao
Bo


Similar Part No. - CM1203-02CP

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1203 CML-CM1203 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM1203 VCC-CM1203 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
More results

Similar Description - CM1203-02CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPESD301 CALMIRCO-CSPESD301 Datasheet
430Kb / 7P
   1,2 and 3-Channel ESD Arrays in CSP
CM1220 CALMIRCO-CM1220 Datasheet
199Kb / 6P
   4 and 8-Channel ESD Protection Arrays in CSP
logo
ON Semiconductor
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
CM1242-33CP ONSEMI-CM1242-33CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
March 2010 ??Rev. 4
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
April 2010 ??Rev. 1
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1204 ONSEMI-CM1204 Datasheet
311Kb / 9P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com