Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2400HC-34H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CM2400HC-34H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM2400HC-34H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM2400HC-34H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM2400HC-34H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Som
e param
etric lim
its are
subject
to change.
Mar. 2003
MITSUBISHI HVIGBT MODULES
CM2400HC-34H
HIGH POWER SWITCHING USE
INSULATED TYPE
q IC................................................................ 2400A
q VCES ....................................................... 1700V
q Insulated Type
q 1-element in a pack
q AISiC base plate
APPLICATION
Inverters, Converters, DC choppers, Induction heating, DC to DC converters.
CM2400HC-34H
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
3rd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
HVIGBT MODULES (High Voltage Insulated Gate Bipolar Transistor Modules)
CIRCUIT DIAGRAM
E
C
E
E
C
C
E
G
C
LABEL
C
E
G
C
E
CM
EE
CC
13
61.5
61.5
79.4
20.25
57
±0.25
171
190
5.2
40
15
41.25
57
±0.25
57
±0.25
3 - M4 NUTS
8 -
φ7MOUNTING HOLES
6 - M8 NUTS


Similar Part No. - CM2400HC-34H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM2400HC-34H MITSUBISHI-CM2400HC-34H Datasheet
67Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM2400HC-34H MITSUBISHI-CM2400HC-34H_05 Datasheet
67Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM2400HC-34H MITSUBISHI-CM2400HC-34H_09 Datasheet
70Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM2400HC-34H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com