Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1425-03CP Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM1425-03CP
Description  4 Channel EMI Filter Array with ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1425-03CP Datasheet(HTML) 6 Page - California Micro Devices Corp

  CM1425-03CP Datasheet HTML 1Page - California Micro Devices Corp CM1425-03CP Datasheet HTML 2Page - California Micro Devices Corp CM1425-03CP Datasheet HTML 3Page - California Micro Devices Corp CM1425-03CP Datasheet HTML 4Page - California Micro Devices Corp CM1425-03CP Datasheet HTML 5Page - California Micro Devices Corp CM1425-03CP Datasheet HTML 6Page - California Micro Devices Corp CM1425-03CP Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214 ▲ Fax: 408.263.7846 ▲ www.calmicro.com 04/21/04
CM1425
PRELIMINARY
Mechanical Details
CM1425 devices are packaged in a custom Chip Scale
Packages (CSP) and available with optional Opti-
Guard
coating.
.
CM1425 9-bump CSP Mechanical Specifications
The CM1425 devices are packaged in a 9-bump cus-
tom Chip Scale Package (CSP). Dimensions are pre-
sented below.
Note 1: Applies to uncoated devices only.
Note 2: Applies to OptiGuard (coated) devices only.
Package Dimensions
CM1425 9-bump Chip Scale Package
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
9
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
0.925
0.970
1.015
0.0364
0.0382
0.0400
A2
2.425
2.470
2.515
0.0955
0.0972
0.0990
B1
0.495
0.500
0.505
0.0195
0.0197
0.0199
B2
0.495
0.500
0.505
0.0195
0.0197
0.0199
C1
0.185
0.235
0.285
0.0073
0.0093
0.0112
C2
0.185
0.235
0.285
0.0073
0.0093
0.0112
D11
0.562
0.606
0.650
0.0221
0.0239
0.0256
D21
0.356
0.381
0.406
0.0140
0.0150
0.0160
D32
0.600
0.670
0.739
0.0236
0.0264
0.0291
D42
0.394
0.445
0.495
0.0155
0.0175
0.0195
# per tape
and reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
4
5
B
C1
B1
A1
D1
D2
BOTTOM VIEW
SIDE
VIEW
A
1
2
3
DIMENSIONS IN MILLIMETERS
A
B
0.30 DIA.
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
95.5/3.8/0.7 Sn/Ag/Cu (Lead-free)
4
5
B
C1
B1
A1
D3
D4
BOTTOM VIEW
SIDE
VIEW
A
1
2
3
A
B
0.30 DIA.
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
95.5/3.8/0.7 Sn/Ag/Cu (Lead-free)
OptiGuardTM
Coating
Non-coated CSP
OptiGuard
Coated CSP


Similar Part No. - CM1425-03CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1425-03CP ONSEMI-CM1425-03CP Datasheet
227Kb / 9P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1425-03CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1406 CALMIRCO-CM1406 Datasheet
514Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1443-04CP ONSEMI-CM1443-04CP Datasheet
270Kb / 11P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1425 ONSEMI-CM1425 Datasheet
227Kb / 9P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1410 ONSEMI-CM1410 Datasheet
354Kb / 10P
   4-Channel Headset EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
   Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
logo
ON Semiconductor
NUF4105FC ONSEMI-NUF4105FC Datasheet
82Kb / 6P
   4 Channel EMI Pi-Filter Array with ESD Protection 4 ESD Diodes
November, 2004 ??Rev. 1
EMI9404 ONSEMI-EMI9404 Datasheet
208Kb / 5P
   4-Channel EMI Array with ESD Protection
January, 2013 ??Rev. 1
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
California Micro Device...
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com