Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3014-15ST Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM3014-15ST
Description  MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3014-15ST Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM3014-15ST Datasheet HTML 1Page - California Micro Devices Corp CM3014-15ST Datasheet HTML 2Page - California Micro Devices Corp CM3014-15ST Datasheet HTML 3Page - California Micro Devices Corp CM3014-15ST Datasheet HTML 4Page - California Micro Devices Corp CM3014-15ST Datasheet HTML 5Page - California Micro Devices Corp CM3014-15ST Datasheet HTML 6Page - California Micro Devices Corp CM3014-15ST Datasheet HTML 7Page - California Micro Devices Corp CM3014-15ST Datasheet HTML 8Page - California Micro Devices Corp CM3014-15ST Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
‹ 2002 California Micro Devices Corp. All rights reserved.
12/13/02
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
1
&0
0LFURSRZHU P$ /RZ 'URSRXW&0265HJXODWRU
)HDWXUHV
‡
9DULRXV UHJXODWHG RXWSXWYROWDJHV
‡
8OWUD ORZ QRLVHµ9W\S
‡
'HOLYHUV XSWR P$ RXWSXWFXUUHQW
‡
9HU\ ORZ GURSRXW P9 DW P$
‡
/RZ TXLHVFHQWRSHUDWLQJ FXUUHQW µ$
‡
³=HUR´ GLVDEOH PRGH FXUUHQWFRQVXPSWLRQ
‡
7KHUPDORYHUORDG SURWHFWLRQ
‡
)ROGEDFN RYHUORDGFXUUHQW SURWHFWLRQ
‡
ƒ& WR ƒ&WHPSHUDWXUHRSHUDWLRQ
‡
7LQ\627 SDFNDJH
$SSOLFDWLRQV
‡
&HOOPRELOH SKRQHV 3'$V 03 SOD\HUV GLJLWDO
FDPHUDV FDPFRUGHUV
‡
&RPSDFW)ODVK PHPRU\ FDUGV
‡
/LWKLXPLRQ EDWWHU\SRZHUHG GHYLFHV
‡
3& &DUGV
&0 5HJXODWRU )DPLO\
3URGXFW 'HVFULSWLRQ
7KH &0 LV D YHU\ ORZ GURSRXW ORZ QRLVH UHJXODWRU
WKDW GHOLYHUV XS WR P$ RI ORDGFXUUHQW DW DIL[HG RXW
SXW YROWDJH
$ GHGLFDWHG FRQWURO LQSXW (1 $FWLYH +LJK SURYLGHV
SRZHUXS VHTXHQFLQJ IOH[LELOLW\ :KHQ WKLV LQSXW LV
WDNHQ ORZ WKH UHJXODWRU LV GLVDEOHG ,Q WKLV VWDWH WKH
VXSSO\ FXUUHQW ZLOO GURS WR QHDU ]HUR $Q LQWHUQDO GLV
FKDUJH 026)(7 UHVLVWDQFH Ω ZLOO IRUFH WKH RXW
SXW WRJURXQG ZKHQHYHU WKH GHYLFH LV GLVDEOHG
$Q RSWLRQDO E\SDVV SLQ LV SURYLGHG IRU IXUWKHU LPSURYH
PHQW RI QRLVH SHUIRUPDQFH DQG WR PD[LPL]H WKH SRZHU
VXSSO\ULSSOHUHMHFWLRQ
7KH &0 LV IXOO\ SURWHFWHG RIIHULQJ ERWK RYHUORDG
FXUUHQW OLPLWLQJ DQG KLJK WHPSHUDWXUH WKHUPDO VKXW
GRZQ
$YDLODEOH LQ D WLQ\  OHDG 627 SDFNDJH WKH GHYLFH
LV LGHDO IRU VSDFH FULWLFDO DSSOLFDWLRQV
352'8&7
287387 92/7$*(
&067
9
&067
9
&067
9
&067
9
&067
9
&067
9
&067
9
6LPSOLILHG (OHFWULFDO 6FKHPDWLF
7\SLFDO $SSOLFDWLRQ &LUFXLW
(1
,1
*1'
287
-
%<3
9#
,1
(1
9287
*1'
µ)
µ)
287
%<3
3
&287
&,1
*1'

&%<3


Similar Part No. - CM3014-15ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
CM3015-00 CALMIRCO-CM3015-00 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
More results

Similar Description - CM3014-15ST

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com