Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3112-12SO Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM3112-12SO
Description  150mA/1.2V CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3112-12SO Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM3112-12SO Datasheet HTML 1Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 2Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 3Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 4Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 5Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 6Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 7Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 8Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com 01/20/04
CM3112
PRELIMINARY
Note 1: Bold values indicate 0 °C < TJ <125 °C.
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage Accuracy
ILOAD = 5mA, VIN = 3.3V
-2
-3
2
3
%
%
VOUT
Output Voltage
5mA < ILOAD < 150mA, 3.135V < VIN < 5.5V
-4
-5
4
5
%
%
VR LOAD
Load Regulation
5mA < ILOAD < 100mA
0.5
0.7
%
%
VR LINE
Line Regulation xx
ILOAD = 5mA; 2.5V < VIN < 5.5V
0.1
0.15
%/V
%/V
RDROP
Dropout Resistance
VIN = 2.7V
10
ILIM
Overload Current Limit
160
400
mA
ISC
Short Circuit Current Limit
VOUT < 0.5V
150
mA
RDISCH
Discharge Resistance
EN tied to GND
500
IGND
Ground Current
Regulator Enabled (EN=VIN); ILOAD= 0mA
Regulator Enabled (EN=VIN); ILOAD= 150mA
Regulator Disabled (EN=GND); (Disable
Mode)
90
100
0.01
150
200
10
µA
µA
µA
VEN
EN Input Logic High Threshold
Regulator Enabled, VIN = 5.5V
1.6
V
VDIS
EN Input Logic Low Threshold
Regulator Disabled, VIN = 5.5V
0.4
V
IEN
Enable Input Current
0.01
10
µA
VPGL
Power Good Low Threshold
% of VOUT (PG ON)
84
%
VPGH
Power Good High Threshold
% of VOUT (PG OFF)
97
%
VOL
Power Good Logic "0" Voltage
IL= 2mA; Fault Condition
0.05
0.1
V
IPG
Power Good Leakage Current
Power Good Off; VPG = 5.5V
0.01
50
µA
DPGD
DPGA
Power Good Delay Time
To de-assert PG
To assert PG
2.5V < VIN < 5.5V (applies to DPGD only)
1
10
1
mS
mS


Similar Part No. - CM3112-12SO

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM311 CML-CM311 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM311 VCC-CM311 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM3110 CML-CM3110 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM3110 VCC-CM3110 Datasheet
44Kb / 1P
   Wedge Base
More results

Similar Description - CM3112-12SO

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
   Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
Diodes Incorporated
AP7217D DIODES-AP7217D Datasheet
189Kb / 9P
   1.2V 600mA CMOS LDO
AP7217D Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com