Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3112-12SO Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM3112-12SO
Description  150mA/1.2V CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3112-12SO Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM3112-12SO Datasheet HTML 1Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 2Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 3Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 4Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 5Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 6Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 7Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 8Page - California Micro Devices Corp CM3112-12SO Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
01/20/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com
1
CM3112
PRELIMINARY
150mA/1.2V CMOS LDO Regulator
with Power Good
Features
LDO regulator with Power Good
No capacitor required on the LDO output
Power Good (PG) control signal
Regulated 1.2V output
150mA output current
Low quiescent operating current (90
µA typical)
"Zero" disable mode current
Foldback current limiting protection
Thermal shutdown protection
SOT23-5 package
Micrel MIC5258, MIC5268 compatible pinout
Lead-free version available
Applications
•Pentium4 Motherboards
PC Cards
Peripheral Adapter Cards
Product Description
The CM3112-12 is a low quiescent current (90uA) reg-
ulator that delivers up to 150mA of load current at a
fixed 1.2V output. All the necessary circuitry has been
included to deliver a 50
Ω power good signal (open
drain) which remains for 5ms after the output has
exceeded 90% (typ) of its nominal level.
A dedicated control input (EN, Active High) has been
included for power-up sequencing flexibility. When this
input is taken low, the regulator is disabled. In this
state, the supply current will drop to near zero. An inter-
nal discharge MOSFET (500
Ω) resistance will force the
output to ground whenever the device has been shut-
down.
The CM3112-12 is fully protected, offering both over-
load current limiting and high temperature thermal
shutdown.
Housed in a tiny SOT23 package, the device is ideal for
space critical applications and is also available with
optional lead-free finishing.
Simplified Electrical Schematic
Typical Application Circuit
IN
EN
OUT
GND
0.1
µF*
VOUT
GND
CM3112-12
PG
1k
VIN
PG
EN
* Optional
0.1
µF*
EN
+
IN
GND
OUT
-
VREF
1.2V
2.5ms
+
-
VREF X 0.93
1X
PG
1.2V/150mA


Similar Part No. - CM3112-12SO

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM311 CML-CM311 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM311 VCC-CM311 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM3110 CML-CM3110 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM3110 VCC-CM3110 Datasheet
44Kb / 1P
   Wedge Base
More results

Similar Description - CM3112-12SO

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
   Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
Diodes Incorporated
AP7217D DIODES-AP7217D Datasheet
189Kb / 9P
   1.2V 600mA CMOS LDO
AP7217D Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com