Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3708GIT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM3708GIT
Description  3A LOOW NOISE PWM STEP DOWN REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM3708GIT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM3708GIT Datasheet HTML 1Page - List of Unclassifed Manufacturers CM3708GIT Datasheet HTML 2Page - List of Unclassifed Manufacturers CM3708GIT Datasheet HTML 3Page - List of Unclassifed Manufacturers CM3708GIT Datasheet HTML 4Page - List of Unclassifed Manufacturers CM3708GIT Datasheet HTML 5Page - List of Unclassifed Manufacturers CM3708GIT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CM3708
3A LOW-NOISE PWM STEP-DOWN REGULATOR
2004/09/15 Rev. 1.2
Champion Microelectronic Corporation
Page 2
PIN DESCRIPTION
Operating Rating
Pin No.
Symbol
Description
Min.
Typ.
Max.
Unit
1,16
VIN1, VIN2
Voltage supply for internal circuits
2
2.5
5
V
2,15
PVIN1, PVIN2
Voltage supply for output power transistors
2
2.5
5
V
3,14
LX1, LX2
Inductor connection to the Drains of the internal
power MOSFETs
5
V
4,13
PGND1, PGND2
Ground for output power transistors
5,9,12
AGND
Ground for internal reference voltage divider
8
AGSEN
Ground for remote sensing
6
SD
Shutdown active high. CMOS input level
0.75 x
VIN
VIN +
0.3V
V
7
VREF
VOUT Set Voltage
1.1
VIN
V
10
NC
No Connection
11
VFB
Feedback node for the VOUT
5
V
BLOCK DIAGRAM
PWM Controller
Oscillator Ramp Generator
Error Amp
Thermal
Protection
MOS
VREF
AGND
12
AGND
AGND
7
9
5
VFB
11
PGND1
4
PGND2
13
LX2
14
LX1
3
PVIN2
15
PVIN1
2
SD
6
VIN2
16
VIN1
1
NC
10
AGSEN
8


Similar Part No. - CM3708GIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3708A ETC-CM3708A Datasheet
270Kb / 6P
   3A LOW LOISE PWM STEP DOWN REGULATOR
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
List of Unclassifed Man...
CM3708AGIS ETC-CM3708AGIS Datasheet
270Kb / 6P
   3A LOW LOISE PWM STEP DOWN REGULATOR
logo
Champion Microelectroni...
CM3708AGIS CHAMP-CM3708AGIS Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3708AGIT CHAMP-CM3708AGIT Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
More results

Similar Description - CM3708GIT

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Analog Intergrations Co...
AIC1596 AIC-AIC1596 Datasheet
61Kb / 5P
   3A STEP-DOWN PWM REGULATOR
logo
List of Unclassifed Man...
CM3708A ETC-CM3708A Datasheet
270Kb / 6P
   3A LOW LOISE PWM STEP DOWN REGULATOR
logo
Champion Microelectroni...
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Exar Corporation
XRP7675 EXAR-XRP7675 Datasheet
784Kb / 12P
   3A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com