Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM370250DF Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CM370250DF
Description  Micropower Low-Noise Charge-Pump and Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM370250DF Datasheet(HTML) 8 Page - California Micro Devices Corp

Back Button CM370250DF Datasheet HTML 3Page - California Micro Devices Corp CM370250DF Datasheet HTML 4Page - California Micro Devices Corp CM370250DF Datasheet HTML 5Page - California Micro Devices Corp CM370250DF Datasheet HTML 6Page - California Micro Devices Corp CM370250DF Datasheet HTML 7Page - California Micro Devices Corp CM370250DF Datasheet HTML 8Page - California Micro Devices Corp CM370250DF Datasheet HTML 9Page - California Micro Devices Corp CM370250DF Datasheet HTML 10Page - California Micro Devices Corp CM370250DF Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CALIFORNIA MICRO DEVICES
PRELIMINARY
CM3702
© 2004 California Micro Devices Corp. All rights reserved
09/22/04
430 N. McCarthy Blvd, #100, Milpitas, California 95035
Tel: (408) 263-3214 Fax: (408) 263-7846
www.calmicro.com
8
Applications Information
Ripple Frequency
The charge pump internal oscillation frequency is about 250kHz. However, this is the continuous, free-running frequency,
which is usually only seen while the charge pump is powering up. After the charge pump output voltage (CS) reaches
approximately 5.8V, the charge pump pauses until the CS voltage drops to approximately 5.7V. Then the charge pump
restarts and runs until the CS voltage is greater than approximately 5.8V, when it pauses again, and this process repeats.
This gives rise to a sawtooth ‘ripple’ waveform on CS which can have a much lower frequency than 250kHz. This mode
of operation is necessary to conserve power – if it were not done this way then a much larger package with heatsink
would be required.
The frequency of this ‘ripple’ is affected by V_IN, I_OUT, Cs capacitor value and Cp capacitor value.
Guidelines for choosing values for external capacitors.
(1) To find Cp: specify value of V_IN, and highest value of I_OUT:
If V_IN= 3.3V +/- 5%, then minimum value of Cp(
µF) = I_OUT(mA) / 85
If V_IN= 5.0V +/- 10%, then minimum value of Cp(
µF) = I_OUT(mA) / 700
(2) Ci, the V_IN decoupling capacitor, should typically be much greater than Cp to prevent voltage droop during Cp
charging.
Excessive glitches on V_IN will affect the output voltage V_OUT.
Typically Ci is 10X greater than Cp. But usually there are already some capacitors on this supply, so adding extra
capacitors is not necessary – simply move an already-present low-ESR capacitor close to the CM3702.
This is especially important for V_IN = 5V.
(3) Choose value of Cs. Cs should be small to ensure that the ripple frequency is high, but Cs should be at least 2x
greater than Cp otherwise the ripple amplitude will be very high. Reducing the value of Cs will increase the ripple
frequency.
Examples of Cs ripple frequencies: (Cs=10µF, 25
°C)
Cp=0.47µF
Cp=1µF
V_IN=3.14, I_OUT=15mA
CS Frequency=46kHz
V_IN=3.14, I_OUT=100mA
CS Frequency=250kHz
V_IN=3.60, I_OUT=15mA
CS Frequency=35kHz
V_IN=3.60, I_OUT=100mA
CS Frequency=110kHz
V_IN=4.50, I_OUT=70mA
CS Frequency=76kHz
V_IN=4.50, I_OUT=100mA
CS Frequency=67kHz
V_IN=5.50, I_OUT=70mA
CS Frequency=56kHz
V_IN=5.50, I_OUT=100mA
CS Frequency=49kHz
(4) Co, the V_OUT decoupling capacitor helps minimize noise and improve load regulation. 0.1µF - 100µF
recommended.
(5) Cbyp, the bypass capacitor helps reduce noise in the LDO. 0.1µF recommended.
After choosing external component values, check in-system performance (at min/max V_IN, max temperature, and
min/max I_OUT). See troubleshooting guide on next page for tips if there are problems.
Charge Pump Noise
The charge pump is ‘digital’ in operation and can produce digital noise at both the free-running frequency and at the ripple
frequency.
To minimize noise PCB grounding is important! This part requires short, low-impedance ground connections for DGND
(pin 1), GND (pin 4), the V_IN decoupling capacitor (pin 2), the CS capacitor (pin 3), the Bypass decoupling capacitor (pin
5) and the V_OUT decoupling capacitor (pin 8). All decoupling capacitors and the Cs capacitor should be low-ESR
ceramics.
The Cp capacitor does NOT need to be low-ESR.
Efficiency
The power efficiency in % of the combined charge pump and LDO is approximately:
100 * (VOUT) / (VIN*2)
Power Dissipation
The dissipation of the part is approximately:
((VIN*2) – VOUT) * IOUT


Similar Part No. - CM370250DF

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM370 CML-CM370 Datasheet
222Kb / 1P
   T-1 3/4 Midget Flange Base
logo
Visual Communications C...
CM370 VCC-CM370 Datasheet
35Kb / 1P
   Midget Flange Base
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706AGIM25 CHAMP-CM3706AGIM25 Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results

Similar Description - CM370250DF

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
   Low Noise Charge Pump/Linear Regulator LED Driver
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
logo
Fitipower Integrated Te...
FP6770 FITIPOWER-FP6770 Datasheet
602Kb / 9P
   Low Noise, DC/DC Charge Pump Regulator
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com