Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3702-50DE Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM3702-50DE
Description  Micropower Low-Noise Charge-Pump and Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3702-50DE Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM3702-50DE Datasheet HTML 1Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 2Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 3Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 4Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 5Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 6Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 7Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 8Page - California Micro Devices Corp CM3702-50DE Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CALIFORNIA MICRO DEVICES
PRELIMINARY
CM3702
© 2004 California Micro Devices Corp. All rights reserved.
9/22/04
430 N. McCarthy Blvd, #100, Milpitas , CA 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
Micropower Low-Noise Charge-Pump and Linear Regulator
Features
• Low noise regulator with integrated charge
pump voltage-booster
• 5V output with input voltage as low as 2.8V
• Charge pump can also power external LDO
• Low noise in 20Hz to 20kHz audio band
• Up to 200mA continuous output current
• Low operating and shutdown currents
• Stable with low-ESR ceramic or tantalum
capacitors
• 10-Lead MSOP and TDFN packages
• Lead-free finishing
Applications
• 5V analog supply for audio codec in notebook
computers, PDAs, MP3 players, etc.
• 3.3V to 5V conversion in PCMCIA cards, PCI
Express Cards, other applications needing 5V
Block Diagram
Product Description
The CM3702 low-noise charge pump LDO regulator is designed to provide accurate and “clean” power to a
subsystem, e.g an audio codec, LED driver, or flash memory. The 5V output provides up to 100mA continuous
current for input voltages from 2.8V to 5.5V, and up to 200mA for a narrower range. This is accomplished with an
integrated charge pump that boosts the input voltage before feeding it to an internal LDO linear regulator. The
charge pump is designed to maintain a nominal 0.8V differential between the input and output of the LDO
regulator. This allows the LDO regulator to operate with good power supply ripple rejection across the audio band
while maintaining good power efficiency. The charge pump works with two external capacitors and operates at
250kHz, well outside the audible frequency band. In addition, separate analog and digital ground pins are
provided for the charge pump and the rest of the circuitry to eliminate ground noise feed-through from the charge
pump to the regulated output.
The CM3702 is fully protected, offering both overload current limiting and high temperature thermal shutdown.
Two enable inputs provide flexibility in powering down the device. For maximum power saving in shutdown, both
the charge pump and LDO regulator should be disabled. For applications that require the 5V output to be re-
established with minimum delay after shutdown, the charge pump can be left enabled while the regulator is
disabled. This avoids the delay that may otherwise be required for the charge pump to reach full operating
voltage after being disabled. The CMOS LDO regulator features low quiescent current even at full load, making it
very suitable for power sensitive applications.
A bandgap reference bypass pin is provided to further minimize noise by connecting an external capacitor
between this pin and ground. Another, external, regulator can be connected to the charge pump output pin Cs, if
required.
The CM3702 is available in 10-pin MSOP and TDFN packages, both with optional lead-free finishing, and are
ideal for space critical applications.
STANDARD PART ORDERING INFORMATION
Standard Finish
Lead-free Finish
Pins
Package
Ordering Part
Number
Part Marking
Ordering Part
Number
Part Marking
10
MSOP-10
CM3702-50MR
3702 50S
CM3702-50MS
3702 50
10
TDFN-10
CM3702-50DF
CM370 250DF
CM3702-50DE
CM370 250DE


Similar Part No. - CM3702-50DE

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM370 CML-CM370 Datasheet
222Kb / 1P
   T-1 3/4 Midget Flange Base
logo
Visual Communications C...
CM370 VCC-CM370 Datasheet
35Kb / 1P
   Midget Flange Base
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
CM3706AGIM25 CHAMP-CM3706AGIM25 Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results

Similar Description - CM3702-50DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
   Low Noise Charge Pump/Linear Regulator LED Driver
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
logo
Fitipower Integrated Te...
FP6770 FITIPOWER-FP6770 Datasheet
602Kb / 9P
   Low Noise, DC/DC Charge Pump Regulator
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com