Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMCPCI102BR Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CMCPCI102BR
Description  CompactPCI Backplane Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMCPCI102BR Datasheet(HTML) 8 Page - California Micro Devices Corp

  CMCPCI102BR Datasheet HTML 1Page - California Micro Devices Corp CMCPCI102BR Datasheet HTML 2Page - California Micro Devices Corp CMCPCI102BR Datasheet HTML 3Page - California Micro Devices Corp CMCPCI102BR Datasheet HTML 4Page - California Micro Devices Corp CMCPCI102BR Datasheet HTML 5Page - California Micro Devices Corp CMCPCI102BR Datasheet HTML 6Page - California Micro Devices Corp CMCPCI102BR Datasheet HTML 7Page - California Micro Devices Corp CMCPCI102BR Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
02/28/05
CMCPCI102B
Mechanical Details
TSSOP Mechanical Specifications
CMCPCI102BT/BR devices are supplied in 28-pin
TSSOP packages. Dimensions are shown below.
For complete information on the TSSOP-28 package,
see the California Micro Devices TSSOP Package
Information document.
* This is an approximate number which may vary.
Package Dimensions for TSSOP-28
PACKAGE DIMENSIONS
Package
TSSOP
Pins
28
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
1.10
0.0433
A1
0.05
0.15
0.002
0.006
B
0.19
0.30
0.0075
0.0118
C
0.09
0.20
0.0035
0.0079
D
9.60
9.80
0.378
0.386
E
4.30
4.50
0.169
0.177
e
0.65 BSC
0.0256 BSC
H
6.25
6.50
0.246
0.256
L
0.50
0.70
0.020
0.028
# per tube
50 pieces*
# per tape
and reel
1000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
E
D
H
TOP VIEW
L
END VIEW
C
e
B
A
A1
SEATING
PLANE
SIDE VIEW
567
8
910
12
3
4
24 23 22 21 20 19
28 27 26 25
Pin 1 Marking
11 12 13 14
18 17 16
15


Similar Part No. - CMCPCI102BR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMCPCI102A CALMIRCO-CMCPCI102A Datasheet
272Kb / 8P
   CompactPCI Backplane Interface
CMCPCI102AS CALMIRCO-CMCPCI102AS Datasheet
272Kb / 8P
   CompactPCI Backplane Interface
CMCPCI102AT CALMIRCO-CMCPCI102AT Datasheet
272Kb / 8P
   CompactPCI Backplane Interface
More results

Similar Description - CMCPCI102BR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMCPCI102A CALMIRCO-CMCPCI102A Datasheet
272Kb / 8P
   CompactPCI Backplane Interface
CMCPCI101 CALMIRCO-CMCPCI101 Datasheet
216Kb / 7P
   CompactPCI Backplane Interface / Termination IC
logo
Adlink Technology Inc.
CPCIS-ET2632 ADLINK-CPCIS-ET2632 Datasheet
278Kb / 2P
   3U CompactPCI Subsystem with 8-slot Backplane
logo
List of Unclassifed Man...
CPCIS-2642 ETC2-CPCIS-2642 Datasheet
346Kb / 1P
   3U CompactPCI Subsystem with 13-slot Backplane, 2 1 CompactPCI Redundant Power Modules
logo
Advantech Co., Ltd.
MIC-3001 ADVANTECH-MIC-3001 Datasheet
188Kb / 2P
   4U CompactPCI Enclosure with 8 slot 3U Backplane
MIC-3002A ADVANTECH-MIC-3002A Datasheet
58Kb / 1P
   4U CompactPCI Enclosure with 6-slot 3U Backplane
logo
List of Unclassifed Man...
CPCIS-ET2600 ETC2-CPCIS-ET2600 Datasheet
542Kb / 1P
   3U CompactPCI Subsystem with 8-slot Backplane and 1 1 CompactPCI ETT Redundant Power Modules
CPCIS-2633 ETC2-CPCIS-2633 Datasheet
564Kb / 1P
   3U CompactPCI Subsystem with 8-slot Backplane and 1 1 CompactPCI ETT Redundant Power Modules
logo
Linear Technology
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
   CompactPCI Hot Swap Controller with I2C Compatible Interface
logo
CONEC Elektronische Bau...
CPH38W23MARASK9X CONEC-CPH38W23MARASK9X Datasheet
70Kb / 1P
   CompactPCI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com