Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CO4011AE-FL Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CO4011AE-FL
Description  Single Chip CANopen Controller for Remote I/O
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CO4011AE-FL Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CO4011AE-FL Datasheet HTML 7Page - List of Unclassifed Manufacturers CO4011AE-FL Datasheet HTML 8Page - List of Unclassifed Manufacturers CO4011AE-FL Datasheet HTML 9Page - List of Unclassifed Manufacturers CO4011AE-FL Datasheet HTML 10Page - List of Unclassifed Manufacturers CO4011AE-FL Datasheet HTML 11Page - List of Unclassifed Manufacturers CO4011AE-FL Datasheet HTML 12Page - List of Unclassifed Manufacturers CO4011AE-FL Datasheet HTML 13Page - List of Unclassifed Manufacturers CO4011AE-FL Datasheet HTML 14Page - List of Unclassifed Manufacturers CO4011AE-FL Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
CO4011A-FL
Single Chip CANopen Controller for Remote I/O
frenzel + berg elektronik – Maximilianstr. 28 – 89231 Neu-Ulm – Germany - phone +49(0)731/970 570 - fax +49(0)731/970 5739 – www.frenzel-berg.de
Page 11 of 11
Revision 1.39
May/19/2003
DS301: Global Objects
Index 1000 : Device Type
Description of the device type. The Object gives the
CiA device profile number and additionally the
functionality of the device.
Index
1000h
Name
Device Type
Description
-
Data Type
Unsigned 32
Access modes RO
PDO Mapping
No
Value Range
-
Operation Mode
Value of Index
CO4011A0
0003 0191 h
CO4011A1
0007 0191 h
CO4011A2
0007 0191 h
CO4011A4
0003 0191 h
CO4011A5
0007 0191 h
Default Value
CO4011A6
0007 0191 h
Index 1001 : Error Register
This object holds an error of the device.
Index
1001h
Name
Error Register
Description
-
Data Type
Unsigned 8
Access modes RO
PDO Mapping
Yes
Value Range
-
Default Value
-
The error register has the following structure
Bit
Meaning
0
Generic error. This bit is set, if any error is
active
1
0
2
0
3
0
4
CAN bus or communication error
5
0
6
0
7
Device Error
Index 1002 : Status Register
This object gives additional information for the device
Index
1002h
Name
Status Register
Description
-
Data Type
Unsigned 32
Access modes RO
PDO Mapping
Yes
Value Range
-
Default Value
-
The status register bits have the following meaning
Bit
Meaning
31
The device is in operational state
30
Node guarding error
23
I/O error output overload error
Index 1005 : COB-ID Sync
Identifier of Can Object for the Synchronisation
message. The CO4011 may only operate in Sync
consumer mode. Generating of Sync messages is
not possible. Nevertheless
is the Identifier for the
Sync message programmable.
Index
1005h
Name
COB-ID Sync
Description
-
Data Type
Unsigned 32
Access modes RW
PDO Mapping
No
Value Range
-
Default Value
-


Similar Part No. - CO4011AE-FL

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CO4012 CANOPUS-CO4012 Datasheet
1Mb / 3P
   Electret Condenser Microphone (ECM)
CO4015 CANOPUS-CO4015 Datasheet
1Mb / 3P
   Electret Condenser Microphone (ECM)
More results

Similar Description - CO4011AE-FL

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1334890000 WEIDMULLER-1334890000 Datasheet
612Kb / 5P
   Remote I/O fieldbus coupler, IP20, CANopen
logo
Nanjing Qinheng Microel...
CH423 WCH-CH423 Datasheet
209Kb / 9P
   2-line Remote I/O extension chip
logo
Moxa Inc.
4000 MOXA-4000 Datasheet
350Kb / 6P
   Remote I/O modules
logo
List of Unclassifed Man...
RHIO232 ETC-RHIO232 Datasheet
216Kb / 2P
   Remote I/O Manager
RHIO10 ETC-RHIO10 Datasheet
636Kb / 2P
   Remote I/O Manager
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
   Ethernet remote I/O for railway applications
logo
UMC Corporation
UM82C452 UMC-UM82C452 Datasheet
1Mb / 24P
   SINGLE CHIP MULTI - I/O
logo
M-System Co.,Ltd.
R7I4DECT-1-SVSF8N MSYSTEM-R7I4DECT-1-SVSF8N Datasheet
269Kb / 6P
   Remote I/O R7I4D Series EtherCAT I/O MODULE
R7K4FML-6-DCA32A MSYSTEM-R7K4FML-6-DCA32A Datasheet
276Kb / 8P
   Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4JML3-E-DAFC64A MSYSTEM-R7K4JML3-E-DAFC64A Datasheet
507Kb / 9P
   Remote I/O R7K4J Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com