Selected language     English  ▼


CS61582-IQ5 Datasheet(PDF) 6 Page - Cirrus Logic

Part No. CS61582-IQ5
Description  DUAL T1/E1 LINE INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 6 page
background image
SWITCHING CHARACTERISTICS - T1 CLOCK/DATA (TA = -40 to 85 °C; power supply
pins within
±5% of nominal; Inputs: Logic 0 = 0V, Logic 1 = DV+) (See Figures 1, 2, and 3)
Parameter
Symbol
Min
Typ
Max
Units
TCLK Frequency
(Note 25)
ftclk
-
1.544
-
MHz
TCLK Duty Cycle
tpwh2/tpw2
30
50
70
%
RCLK Duty Cycle
tpwh1/tpw1
45
50
55
%
Rise Time (All Digital Outputs)
(Note 26)
tr
-
-
65
ns
Fall Time (All Digital Outputs)
(Note 26)
tf
-
-
65
ns
RPOS/RNEG to RCLK Rising Setup Time
tsu1
-
274
-
ns
RCLK Rising to RPOS/RNEG Hold Time
th1
-
274
-
ns
TPOS/TNEG to TCLK Falling Setup Time
tsu2
25
-
-
ns
TCLK Falling to TPOS/TNEG Hold Time
th2
25
-
-
ns
Notes: 25. The maximum burst rate of a gapped TCLK input clock is 8.192 MHz. The maximum gap size
that can be tolerated on TCLK is 28 UIp-p.
26. At max load of 50 pF.
SWITCHING CHARACTERISTICS - E1 CLOCK/DATA (TA = -40 to 85 °C; power supply
pins within
±5% of nominal; Inputs: Logic 0 = 0V, Logic 1 = DV+) (See Figures 1, 2, and 3)
Parameter
Symbol
Min
Typ
Max
Units
TCLK Frequency
(Note 25)
ftclk
-
2.048
-
MHz
TCLK Duty Cycle
tpwh2/tpw2
30
50
70
%
RCLK Duty Cycle
tpwh1/tpw1
45
50
55
%
Rise Time (All Digital Outputs)
(Note 26)
tr
-
-
65
ns
Fall Time (All Digital Outputs)
(Note 26)
tf
-
-
65
ns
RPOS/RNEG to RCLK Rising Setup Time
tsu1
-
194
-
ns
RCLK Rising to RPOS/RNEG Hold Time
th1
-
194
-
ns
TPOS/TNEG to TCLK Falling Setup Time
tsu2
25
-
-
ns
TCLK Falling to TPOS/TNEG Hold Time
th2
25
-
-
ns
6
DS224PP1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS635DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
0553-0013-1JT1/CEPT Dual Line Interface Transformers 1 2 Bel Fuse Inc.
L9219ALow-Cost Line Interface with Reverse Battery and Dual Current Limit 1 2 3 4 5 MoreAgere Systems
TISPPBL3DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS SLIC 1 2 3 4 5 MoreBourns Electronic Solutions
APC78147Dual ADSL SMD Line Interface Hybrid 1 2 Bel Fuse Inc.
CS61583DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
CS61584ADUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
LXT331Dual T1/E1 Line Interface Unit 1 2 3 4 5 MoreLevel One
LXT332Dual T1/E1 Line Interface Unit with Crystal-less Attenuation 1 2 3 4 5 MoreLevel One

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl