Electronic Components Datasheet Search |
|
CS61582-IQ5 Datasheet(PDF) 16 Page - Cirrus Logic |
|
CS61582-IQ5 Datasheet(HTML) 16 Page - Cirrus Logic |
16 / 32 page registers. The value shown next to each state transition in this figure is the value present at J-TMS at each rising edge of J-TCK. Test-Logic-Reset State In this state, the test logic is disabled to continue normal operation of the device. During initiali- zation, the CS61582 initializes the instruction register with the IDCODE instruction. Regardless of the original state of the controller, the controller enters the Test-Logic-Reset state when the J-TMS input is held high for at least five rising edges of J-TCK. The controller re- mains in this state while J-TMS is high. The CS61582 processor automatically enters this state at power-up. Run-Test/Idle State This is a controller state between scan opera- tions. Once in this state, the controller remains in the state as long as J-TMS is held low. The instruction register and all test data registers re- tain their previous state. When J-TMS is high and a rising edge is applied to J-TCK, the con- troller moves to the Select-DR state. Select-DR-Scan State This is a temporary controller state. The test data register selected by the current instruction retains its previous state. If J-TMS is held low and a rising edge is applied to J-TCK when in this state, the controller moves into the Capture- DR state and a scan sequence for the selected test data register is initiated. If J-TMS is held high and a rising edge applied to J-TCK, the controller moves to the Select-IR-Scan state. The instruction does not change in this state. Capture-DR State In this state, the Boundary Scan Register cap- tures input pin data if the current instruction is EXTEST or SAMPLE/PRELOAD. The other test data registers, which do not have parallel in- put, are not changed. The instruction does not change in this state. When the TAP controller is in this state and a rising edge is applied to J-TCK, the controller enters the Exit1-DR state if J-TMS is high or the Shift-DR state if J-TMS is low. Test-Logic-Reset Run-Test/Idle Select-DR-Scan Capture-DR Shift-DR Exit1-DR Pause-DR Exit2-DR Update-DR Select-IR-Scan Capture-IR Shift-IR Exit1-IR Pause-IR Exit2-IR Update-IR 1 0 0 1 1 0 10 1 1 0 1 0 0 1 0 1 0 0 1 10 1 1 0 1 0 0 1 0 1 0 Figure 11. TAP Controller State Diagram 16 DS224PP1 |
Similar Part No. - CS61582-IQ5 |
|
Similar Description - CS61582-IQ5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |