Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61582-IQ5 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS61582-IQ5
Description  DUAL T1/E1 LINE INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61582-IQ5 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS61582-IQ5 Datasheet HTML 23Page - Cirrus Logic CS61582-IQ5 Datasheet HTML 24Page - Cirrus Logic CS61582-IQ5 Datasheet HTML 25Page - Cirrus Logic CS61582-IQ5 Datasheet HTML 26Page - Cirrus Logic CS61582-IQ5 Datasheet HTML 27Page - Cirrus Logic CS61582-IQ5 Datasheet HTML 28Page - Cirrus Logic CS61582-IQ5 Datasheet HTML 29Page - Cirrus Logic CS61582-IQ5 Datasheet HTML 30Page - Cirrus Logic CS61582-IQ5 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
nected together at the device. A 4.99k
Ω ± 1% re-
sistor must be connected from BGREF to ground
to provide an internal current reference.
De-coupling and filtering of the power supplies is
crucial for the proper operation of the analog cir-
cuits. A capacitor should be connected between
each supply and its respective ground. For capaci-
tors smaller than 1
µF, use mylar or ceramic
capacitors and place them as close as possible to
their respective power supply pins. Wire-wrap
bread boarding of the line interface is not recom-
mended because lead resistance and inductance
defeat the function of the de-coupling capacitors.
Crystal Oscillator
When a reference clock signal is not available, a
CMOS crystal oscillator operating at either the
1X or 8X rate can be connected at the REFCLK
pin. The oscillator must have a minimum symme-
try of 40-60% and minimum stability of
±100
ppm for T1 and E1 applications. Based on these
specifications, some suggested crystal oscillators
for use with the CS61582 are shown in Table
Α2.
Transformers
Recommended transformer specifications are
shown in Table A3. Based on these specifications,
the transformers recommended for use with the
CS61582 are listed in Table A4.
Line Protection
Secondary protection components can be added
to the line interface circuitry to provide lightning
surge and AC power-cross immunity. For addi-
tional information on the different electrical
safety standards and specific application circuit
recommendations, refer to the Crystal Semicon-
ductor Application Note "Secondary Line
Protection for T1 and E1 Line Cards."
Manufacturer
Part Number
Contact Number
Comclok
CT31CH
(800) 333-9825
CTS
CXO-65HG-5-I (815) 786-8411
M-tron
MH26TAD
(800) 762-8800
SaRonix
NTH250A
(800) 227-8974
Notes:
Frequency tolerances are
±32 ppm with a -40 to +85 °C
operating temperature range.
All are 8-pin DIP packages and can be tristated.
Table A2. Suggested Crystal Oscillators
Turns ratio
1:1.15 step-up transmit
1:1.15 step-down receive
Primary inductance
1.5 mH min at 772 kHz
Primary leakage
inductance
0.3
µH max at 772 kHz
with secondary shorted
Secondary leakage
inductance
0.4
µH max at 772 kHz
Interwinding
capacitance
18 pF max, primary to
secondary
ET-constant
16 V-
µs min
Table A3. Transformer Specifications
DS224PP1
27


Similar Part No. - CS61582-IQ5

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61581 CIRRUS-CS61581 Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61581-IL CIRRUS-CS61581-IL Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
CS61583-IL5 CIRRUS-CS61583-IL5 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
CS61583-IQ5 CIRRUS-CS61583-IQ5 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
More results

Similar Description - CS61582-IQ5

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
   DUAL T1/E1 LINE INTERFACE
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
   Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com