Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV111-3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CV111-3
Description  UMTS-band High Linearity Downconverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CV111-3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CV111-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CV111-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers CV111-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers CV111-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 4 April 2005
CV111-3
UMTS-band High Linearity Downconverter
Product Information
The Communications Edge
TM
Downconverting Application Circuit: CV111-3PCB75RX
RF = 1920 – 1980 MHz, IF = 75 MHz
(Targeted for UMTS-band Receive Path Downconversion Applications)
Bill of Materials
Ref. Desig.
Component
R1
25.5
Ω chip resistor,
size 0805
R2, R3, R5
R16, C2, C14,
L1, L9
0
Ω chip resistor
R6, R7, C11
C13, C15, C19
C20, C21, C22
L5, L6, L8, L10
DNP
R8
3.3
Ω chip resistor
C1, C3, C5, C6
100 pF chip capacitor
C4, C8
1000 pF chip capacitor
C7, C10, C16
0.1
μF chip capacitor
C9
0.018
μF chip capacitor
C12
1.2 pF chip capacitor
C17
22 pF chip capacitor
L2
18 nH chip inductor
L3
120 nH chip inductor
L4
220 nH chip inductor,
size 0805
L7
150 nH chip inductor
F1
SAWTEK Filter 855938
1920 – 1980 MHz BW
D1
Jumper wire
(or 0
Ω resistor)
U1
CV111-3 WJ Converter
All components are of size 0603 unless otherwise specified.
DNP represents “Do Not Place”
Downconverting Application Circuit: CV111-3PCB75TX
RF = 2110 – 2170 MHz, IF = 75 MHz
(Targeted for UMTS-band Transmit Path Error Correction Feedback applications)
Bill of Materials
Ref. Desig.
Component
R1
25.5
Ω chip resistor,
size 0805
R2, R3, R5
R16, C2, C14,
L1, L9
0
Ω chip resistor
R6, R7, C11
C13, C15, C19
C20, C21, C22
L5, L6, L8, L10
DNP
R8
3.3
Ω chip resistor
C1, C3, C5, C6
100 pF chip capacitor
C4, C8
1000 pF chip capacitor
C7, C10, C16
0.1
μF chip capacitor
C9
0.018
μF chip capacitor
C12
1.2 pF chip capacitor
C17
22 pF chip capacitor
L2
18 nH chip inductor
L3
120 nH chip inductor
L4
220 nH chip inductor,
size 0805
L7
150 nH chip inductor
F1
SAWTEK Filter 855937
2110 – 2170 MHz BW
D1
Jumper wire
(or 0
Ω resistor)
U1
CV111-3 WJ Converter
All components are of size 0603 unless otherwise specified.
DNP represents “Do Not Place”


Similar Part No. - CV111-3

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV111-3A WJCI-CV111-3A Datasheet
271Kb / 5P
   UMTS-band High Linearity Downconverter
CV111-3A WJCI-CV111-3A Datasheet
307Kb / 5P
   UMTS-band High Linearity Downconverter
CV111-3AF WJCI-CV111-3AF Datasheet
271Kb / 5P
   UMTS-band High Linearity Downconverter
CV111-3AF WJCI-CV111-3AF Datasheet
307Kb / 5P
   UMTS-band High Linearity Downconverter
CV111-3APCB240 WJCI-CV111-3APCB240 Datasheet
271Kb / 5P
   UMTS-band High Linearity Downconverter
More results

Similar Description - CV111-3

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV111-3A WJCI-CV111-3A Datasheet
271Kb / 5P
   UMTS-band High Linearity Downconverter
CV111-3A WJCI-CV111-3A_07 Datasheet
307Kb / 5P
   UMTS-band High Linearity Downconverter
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A_07 Datasheet
282Kb / 4P
   Cellular-band High Linearity Downconverter
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com