Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2283 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2283
Description  PentiumII, K6, 6x86 100-MHz Clock Synthesizer/Driver for Desktop PCs with ALI or VIA Chipsets, AGP and 3 DIMMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2283 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2283 Datasheet HTML 1Page - Cypress Semiconductor CY2283 Datasheet HTML 2Page - Cypress Semiconductor CY2283 Datasheet HTML 3Page - Cypress Semiconductor CY2283 Datasheet HTML 4Page - Cypress Semiconductor CY2283 Datasheet HTML 5Page - Cypress Semiconductor CY2283 Datasheet HTML 6Page - Cypress Semiconductor CY2283 Datasheet HTML 7Page - Cypress Semiconductor CY2283 Datasheet HTML 8Page - Cypress Semiconductor CY2283 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY2283
PRELIMINARY
3
CPU and PCI Clock Driver Strengths
• Matched impedances on both rising and falling edges on
the output drivers
• Output impedance: 25
Ω (typical) measured at 1.5V
Serial Configuration Map
• The Serial bits will be read by the clock driver in the following
order:
Byte 0 - Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 - Bits 7, 6, 5, 4, 3, 2, 1, 0
.
.
Byte N - Bits 7, 6, 5, 4, 3, 2, 1, 0
• Reserved and unused bits should be programmed to “0”.
•I2C Address for the CY2283 is:
Actual Clock Frequency Values
Clock Output
Target
Frequency
(MHz)
Actual
Frequency
(MHz)
PPM
CPUCLK
66.67
66.51
–2346
CPUCLK
75.0
75.0
0
CPUCLK
83.33
83.14
-2346
CPUCLK
100.0
99.77
-2346
USBCLK
48.0
48.01
167
Power Management Logic[4] - Active when MODE pin is held ‘LOW’
CPU_STOP
PCI_STOP
PWR_DWN
CPUCLK
PCICLK
PCICLK_F
Other
Clocks
Osc.
PLLs
X
X
0
Low
Low
Stopped
Stopped
Off
Off
0
0
1
Low
Low
Running
Running
Running
Running
0
1
1
Low
33/30 MHz
Running
Running
Running
Running
1
0
1
66/75/83/100MHz
Low
Running
Running
Running
Running
1
1
1
66/75/83/100MHz
30/33.3 MHz
Running
Running
Running
Running
A6
A5
A4
A3
A2
A1
A0
R/W
1101001
----
Byte 0: Functional and Frequency Select Clock
Register (1 = Enable, 0 = Disable)
Bit
Pin #
Description
Bit 7
--
(Reserved) drive to ‘0’
Bit 6
--
(Reserved) drive to ‘0’
Bit 5
--
(Reserved) drive to ‘0’
Bit 4
--
(Reserved) drive to ‘0’
Bit 3
--
(Reserved) drive to ‘0’
Bit 2
--
(Reserved) drive to ‘0’
Bit 1
Bit 0
--
Bit 1
1
1
0
0
Bit 0
1 - Three-State
0 - N/A
1 - Testmode
0 - Normal Operation
Select Functions
Functional Description
Outputs
CPU
PCI, PCI_F
SDRAM
Ref
IOAPIC
USBCLK
AGP
Three-State
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Test Mode[6]
TCLK/2[5]
TCLK/4
TCLK/2
TCLK
TCLK
TCLK/2
TCLK/2
Notes:
4.
AGP clocks are free-running and stop only when the PWR_DWN pin is asserted. The frequency of the AGP clocks is as shown in the Function Table.
5.
TCLK supplied on the XTALIN pin in Test Mode.
6.
Valid only for SEL1=0.


Similar Part No. - CY2283

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
   100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
CY22800-001A CYPRESS-CY22800-001A Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY2283

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2273A CYPRESS-CY2273A Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2277A CYPRESS-CY2277A Datasheet
206Kb / 19P
   6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
SpectraLinear Inc
CY2277A SPECTRALINEAR-CY2277A Datasheet
293Kb / 18P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel짰 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
Winbond
W83194R-37 WINBOND-W83194R-37 Datasheet
267Kb / 19P
   100 MHZ AGP CLOCK FOR VIA CHIPSET
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
   100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY2285 CYPRESS-CY2285 Datasheet
123Kb / 9P
   100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
logo
Winbond
W83194R-58A WINBOND-W83194R-58A Datasheet
182Kb / 13P
   100MHZ AGP CLOCK FOR VIA CHIPSET
logo
Cypress Semiconductor
CY2210 CYPRESS-CY2210 Datasheet
129Kb / 10P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
logo
SpectraLinear Inc
CY2210 SPECTRALINEAR-CY2210 Datasheet
187Kb / 10P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com