Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA24P Datasheet(PDF) 4 Page - Protek Devices

Part # DA24P
Description  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DA24P Datasheet(HTML) 4 Page - Protek Devices

  DA24P Datasheet HTML 1Page - Protek Devices DA24P Datasheet HTML 2Page - Protek Devices DA24P Datasheet HTML 3Page - Protek Devices DA24P Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.protekdevices.com
05001.R7 1/05
DA05N
thru
DA24CP
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical
characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that
the final judgement concerning selection and specifications is the buyer’s and that in furnishing
engineering and technical assistance, ProTek assumes no responsibility with respect to the
selection or specifications of such products.
PACKAGE OUTLINE & DIMENSIONS
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
BULK ORDERING NOMENCLATURE:
1. No Suffix = Product Shipped in Tubes of 25 pcs per Tube.
Outline & Dimensions: Rev 1 - 11/01, 06003
PACKAGE OUTLINE
A
B
C
D
E
F
G
H
I
J
K
L
19.8
6.60
7.87
0.50
10°
-
5.08
-
1.78
0.84 TYP
0.53
2.54 TYP
-
0.240
0.290
0.010
0.020
-
0.125
-
0.033 TYP
0.015
0.100 TYP
0.780
0.260
0.310
0.020
10°
-
0.200
-
0.070
0.033 TYP
0.021
0.100 TYP
-
6.10
7.37
0.25
0.51
-
3.17
-
0.84 TYP
0.38
2.54 TYP
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
DIMENSIONS
16 PIN DIP
NOTES:
1. Dimensions are exclusive of mold flash and metal
burrs.
A
Orientation Dot
(Pin #1)
I
12 Places
J
12 Places
K
16 Places
L
H
G
F
B
C
E
D
16 Places


Similar Part No. - DA24P

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA24P PROTEC-DA24P Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA24P PROTEC-DA24P Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA24P PROTEC-DA24P Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
More results

Similar Description - DA24P

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com