Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4DL-1DFA-E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D4DL-1DFA-E
Description  Compact Guard-locking Interlock Safety Door Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D4DL-1DFA-E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D4DL-1DFA-E Datasheet HTML 1Page - List of Unclassifed Manufacturers D4DL-1DFA-E Datasheet HTML 2Page - List of Unclassifed Manufacturers D4DL-1DFA-E Datasheet HTML 3Page - List of Unclassifed Manufacturers D4DL-1DFA-E Datasheet HTML 4Page - List of Unclassifed Manufacturers D4DL-1DFA-E Datasheet HTML 5Page - List of Unclassifed Manufacturers D4DL-1DFA-E Datasheet HTML 6Page - List of Unclassifed Manufacturers D4DL-1DFA-E Datasheet HTML 7Page - List of Unclassifed Manufacturers D4DL-1DFA-E Datasheet HTML 8Page - List of Unclassifed Manufacturers D4DL-1DFA-E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
D4DL
D4DL
2
Operation Keys
D4DS-K
j
1
1.
Key Type
1:
Horizontal mounting
2:
Vertical mounting
3:
Horizontal-adjustable vertical mounting
5:
Vertical/Horizontal-adjustable vertical mounting
Switches
Solenoid voltage/indicator
Lock and release
types
Contact configuration
(Slow-action)
Approved force-separation
NC contact
Connector size
Model
Solenoid: 24 VDC
O
LED 10 t 115 VDC/VAC
Mechanical lock
S l
id
l
1NC/1NO+1NC
PG13.5
D4DL-1CFA-B
So e o d
C
Orange LED: 10 to 115 VDC/VAC
ec a ca oc
Solenoid release
C/
O
C
G1/2
D4DL-2CFA-B
2NC+1NC
PG13.5
D4DL-1DFA-B
CC
G1/2
D4DL-2DFA-B
Solenoid lock
Mh
il
l
1NC/1NO+1NC
PG13.5
D4DL-1CFG-B
So e o d oc
Mechanical release
C/
O
C
G1/2
D4DL-2CFG-B
2NC+1NC
PG13.5
D4DL-1DFG-B
CC
G1/2
D4DL-2DFG-B
Solenoid: 110 VAC
O
LED 10 t 115 VDC/VAC
Mechanical lock
S l
id
l
1NC/1NO+1NC
PG13.5
D4DL-1CFB-B
So e o d
0
C
Orange LED: 10 to 115 VDC/VAC
ec a ca oc
Solenoid release
C/
O
C
G1/2
D4DL-2CFB-B
2NC+1NC
PG13.5
D4DL-1DFB-B
CC
G1/2
D4DL-2DFB-B
Solenoid lock
Mh
il
l
1NC/1NO+1NC
PG13.5
D4DL-1CFH-B
So e o d oc
Mechanical release
C/
O
C
G1/2
D4DL-2CFH-B
2NC+1NC
PG13.5
D4DL-1DFH-B
CC
G1/2
D4DL-2DFH-B
Solenoid: 230 VDC
O
l
100 t 250 VAC
Mechanical lock
S l
id
l
1NC/1NO+1NC
PG13.5
D4DL-1CFC-E
So e o d
30
C
Orange neon lamp: 100 to 250 VAC
ec a ca oc
Solenoid release
C/
O
C
G1/2
D4DL-2CFC-E
2NC+1NC
PG13.5
D4DL-1DFC-E
CC
G1/2
D4DL-2DFC-E
Solenoid lock
Mh
il
l
1NC/1NO+1NC
PG13.5
D4DL-1CFJ-E
So e o d oc
Mechanical release
C/
O
C
G1/2
D4DL-2CFJ-E
2NC+1NC
PG13.5
D4DL-1DFJ-E
CC
G1/2
D4DL-2DFJ-E
Note:
Models marked with “
∗” are recommended
Operation Keys (Order Separately)
Type
Model
Horizontal mounting
D4DS-K1
Vertical mounting
D4DS-K2
Horizontal-adjustable
vertical mounting
D4DS-K3
Vertical/Horizontal
adjustable vertical
mounting
D4DS-K5


Similar Part No. - D4DL-1DFA-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4DL-1DFA-B OMRON-D4DL-1DFA-B Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4DL-1DFA-B-HT OMRON-D4DL-1DFA-B-HT Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4DL-1DFA-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
GREEGOO Electric Co.,Lt...
CZ-93BPG GREEGOO-CZ-93BPG Datasheet
1Mb / 2P
   Safety Key Interlock Switch
logo
List of Unclassifed Man...
KZ32 ETC2-KZ32 Datasheet
59Kb / 1P
   DOOR INTERLOCK PLATE FOR CAM SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com