Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CF388AVJD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF388AVJD
Description  Dual Pixel LVDS Display Interface / FPD-Link
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF388AVJD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90CF388AVJD Datasheet HTML 1Page - National Semiconductor (TI) DS90CF388AVJD Datasheet HTML 2Page - National Semiconductor (TI) DS90CF388AVJD Datasheet HTML 3Page - National Semiconductor (TI) DS90CF388AVJD Datasheet HTML 4Page - National Semiconductor (TI) DS90CF388AVJD Datasheet HTML 5Page - National Semiconductor (TI) DS90CF388AVJD Datasheet HTML 6Page - National Semiconductor (TI) DS90CF388AVJD Datasheet HTML 7Page - National Semiconductor (TI) DS90CF388AVJD Datasheet HTML 8Page - National Semiconductor (TI) DS90CF388AVJD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DS90C387A/DS90CF388A
Dual Pixel LVDS Display Interface / FPD-Link
General Description
The DS90C387A/DS90CF388A transmitter/receiver pair is
designed to support dual pixel data transmission between
Host and Flat Panel Display up to QXGA resolutions. The
transmitter converts 48 bits (Dual Pixel 24-bit color) of
CMOS/TTL data and 3 control bits into 8 LVDS (Low Voltage
Differential Signalling) data streams. At a maximum dual
pixel rate of 112MHz, LVDS data line speed is 784Mbps,
providing a total throughput of 5.7Gbps (714 Megabytes per
second).
The LDI chipset is improved over prior generations of
FPD-Link devices and offers higher bandwidth support and
longer cable drive. To increase bandwidth, the maximum
pixel clock rate is increased to 112 MHz and 8 serialized
LVDS outputs are provided. Cable drive is enhanced with a
user selectable pre-emphasis feature that provides addi-
tional output current during transitions to counteract cable
loading effects.
The DS90C387A transmitter provides a second LVDS output
clock. Both LVDS clocks are identical. This feature supports
backward compatibility with the previous generation of
FPD-Link Receivers - the second clock allows the transmit-
ter to interface to panels using a ’dual pixel’ configuration of
two 24-bit or 18-bit FPD-Link receivers.
This chipset is an ideal means to solve EMI and cable size
problems for high-resolution flat panel applications. It pro-
vides a reliable interface based on LVDS technology that
delivers the bandwidth needed for high-resolution panels
while maximizing bit times, and keeping clock rates low to
reduce EMI and shielding requirements. For more details,
please refer to the “Applications Information” section of this
datasheet.
Features
n
Supports SVGA through QXGA panel resolutions
n
32.5 to 112/170MHz clock support
n
Drives long, low cost cables
n
Up to 5.7 Gbps bandwidth
n
Pre-emphasis reduces cable loading effects
n
Dual pixel architecture supports interface to GUI and
timing controller; optional single pixel transmitter inputs
support single pixel GUI interface
n
Transmitter rejects cycle-to-cycle jitter
n
5V tolerant on data and control input pins
n
Programmable transmitter data and control strobe select
(rising or falling edge strobe)
n
Backward compatible with FPD-Link
n
Compatible with ANSI/TIA/EIA-644-1995 LVDS Standard
Generalized Transmitter Block Diagram
10132002
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
October 2002
© 2002 National Semiconductor Corporation
DS101320
www.national.com


Similar Part No. - DS90CF388AVJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CF388AVJD/NOPB TI1-DS90CF388AVJD/NOPB Datasheet
842Kb / 21P
[Old version datasheet]   Dual Pixel LVDS Display Interface / FPD-Link
More results

Similar Description - DS90CF388AVJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C387A TI1-DS90C387A_11 Datasheet
842Kb / 21P
[Old version datasheet]   Dual Pixel LVDS Display Interface / FPD-Link
logo
National Semiconductor ...
DS90C387A NSC-DS90C387A_06 Datasheet
805Kb / 19P
   Dual Pixel LVDS Display Interface/FPD-Link
logo
Texas Instruments
DS90C187 TI1-DS90C187_14 Datasheet
945Kb / 28P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C187 TI-DS90C187 Datasheet
1Mb / 21P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
   Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
National Semiconductor ...
DS90C387 NSC-DS90C387 Datasheet
526Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
Texas Instruments
DS90C387 TI1-DS90C387_15 Datasheet
1Mb / 33P
[Old version datasheet]   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
National Semiconductor ...
DS90C387 NSC-DS90C387_06 Datasheet
910Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
logo
Texas Instruments
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com