Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKM8050 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EKM8050
Description  USB & PS/2 Optical Mouse Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKM8050 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

  EKM8050 Datasheet HTML 1Page - ELAN Microelectronics Corp EKM8050 Datasheet HTML 2Page - ELAN Microelectronics Corp EKM8050 Datasheet HTML 3Page - ELAN Microelectronics Corp EKM8050 Datasheet HTML 4Page - ELAN Microelectronics Corp EKM8050 Datasheet HTML 5Page - ELAN Microelectronics Corp EKM8050 Datasheet HTML 6Page - ELAN Microelectronics Corp EKM8050 Datasheet HTML 7Page - ELAN Microelectronics Corp EKM8050 Datasheet HTML 8Page - ELAN Microelectronics Corp EKM8050 Datasheet HTML 9Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
eKM8050
Preliminary
USB & PS/2 Optical Mouse Controller
9
2003/7/1
eKM8050 for ADNS-2620
Q1
PNP
ADNS-2620
VDD
SCLK
SDIO
REFA
GND
LED_CNTL
OSC_IN
OSC_OUT
eKM8050_B
VDD
D+/CLK
D-/DATA
V3.3
Z_SEL
Z1
Z2
IR_Control
L
R
M
SCLK
SDIO
PD
CPIS
OSCI
OSCO
VSS
2
4.7uF
HLMP-ED80
17
6
3
0.1uF
24M
0.1uF
+
4.7uF
10
16
1
2
6M
20P
18
100K
11
8
1K
3
VDD
20P
1
4
12
V3.3
13
8
Z-AXIS
PORT
VDD
VSS
D+/CLK
D-/DATA
R0
7
15
+
10uF
6
5
V3.3
2
9
14
2.2uF
VDD
1
2
5
7
1
10
4
Q1
PNP
100K
16
5
3K
VDD
24M
4
+
10uF
8
14
V3.3
+
4.7uF
6
PNP
10
8
eKM8050_B
VDD
D+/CLK
D-/DATA
V3.3
Z_SEL
Z1
Z2
IR_Control
L
R
M
SCLK
SDIO
PD
CPIS
OSCI
OSCO
VSS
9
4.7uF
V3.3
6
7
1K
1
2
13
3
17
20P
Z-AXIS
3
1
18
1
2
300
1
2
6M
0.1uF
ADNS-2620
VDD
SCLK
SDIO
REFA
GND
LED_CNTL
OSC_IN
OSC_OUT
12
15
0.1uF
ZENER 3V
IR_Control
2
4
20P
10
HLMP-ED80
11
R0
VDD
2.2uF
5
7
PORT
VDD
VSS
D+/CLK
D-/DATA
Guarantee Suspend Current under 500 uA


Similar Part No. - EKM8050

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8053BM EMC-EKM8053BM Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8053BP EMC-EKM8053BP Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8053CM EMC-EKM8053CM Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8053CP EMC-EKM8053CP Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
More results

Similar Description - EKM8050

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
   USB & PS/2 Mouse Controller
logo
Holtek Semiconductor In...
HT82M25X HOLTEK-HT82M25X Datasheet
144Kb / 13P
   3/5-Key USBPS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M23A HOLTEK-HT82M23A Datasheet
169Kb / 14P
   3/5-Key USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Pixart Imaging Inc.
PAW3401 PIXART-PAW3401 Datasheet
619Kb / 17P
   PS/2 OPTICAL MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com