Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78611 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78611
Description  Universal Serial Bus Microcontroller Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78611 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78611 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78611 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78611 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78611 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78611 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78611 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78611 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78611 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78611 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
EM78611
Universal Serial Bus Microcontroller Series
Preliminary
This spec. may change without further notice.
7
06/10/2003 (V1.0)
After reset
Address
0x0000
Reset Vector
0x0001
0x03FF
Interrupt Vector
Page 0
0x0400
0x07FF
Page 1
0x0800
0x0BFF
Page 2
0x0C00
0x0FFF
Page 3
0x1000
0x13FF
Page 4
0x1400
0x17FF
Page 5
PC
7.2
Data Memory
The Data Memory has 144 bytes SRAM space. It is also equipped with USB Application
FIFO space for USB Application. The Figure 7.1 (next page) shows the organization of the
Data Memory Space.
7.2.1 Special Purpose Register
When the microcontroller executes instruction, specific registers are invoked for assistance,
such as; Status Register which records the calculation status, Port I/O Control Registers
which control the I/O pins’ direction, etc. EM78611 provides a lot of other special purpose
registers for different functions.
Note that Special Control Registers can only be read or written by two instructions: IOR and
IOW.


Similar Part No. - EM78611

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78611 EMC-EM78611 Datasheet
805Kb / 38P
   USB & PS/2 Keyboard Encoder
More results

Similar Description - EM78611

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78M612 EMC-EM78M612 Datasheet
1Mb / 38P
   Universal Serial Bus Microcontroller Series
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
   Universal Serial Bus Series Microcontroller
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
   Universal Serial Bus Microcontroller Series
logo
Cypress Semiconductor
CY7C63001C CYPRESS-CY7C63001C Datasheet
1Mb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
X930A INTEL-X930A Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
Cypress Semiconductor
CY7C63000 CYPRESS-CY7C63000 Datasheet
358Kb / 27P
   Universal Serial Bus Microcontroller
CY7C63101A CYPRESS-CY7C63101A Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63001A CYPRESS-CY7C63001A_04 Datasheet
496Kb / 25P
   Universal Serial Bus Microcontroller
logo
ELAN Microelectronics C...
EM78612 EMC-EM78612 Datasheet
158Kb / 28P
   Universal Serial Bus Microcontroller
logo
Intel Corporation
8X930AX INTEL-8X930AX Datasheet
283Kb / 38P
   UNIVERSAL SERIAL BUS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com