Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM8475 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EM8475
Description  MPEG - 4 DECODER FOR SET-TOP DVD AND STREAMING APPLICATIONS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EM8475 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EM8475 Datasheet HTML 1Page - List of Unclassifed Manufacturers EM8475 Datasheet HTML 2Page - List of Unclassifed Manufacturers EM8475 Datasheet HTML 3Page - List of Unclassifed Manufacturers EM8475 Datasheet HTML 4Page - List of Unclassifed Manufacturers EM8475 Datasheet HTML 5Page - List of Unclassifed Manufacturers EM8475 Datasheet HTML 6Page - List of Unclassifed Manufacturers EM8475 Datasheet HTML 7Page - List of Unclassifed Manufacturers EM8475 Datasheet HTML 8Page - List of Unclassifed Manufacturers EM8475 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EM8470, EM8471, EM8475, EM8476
- 2 -
Sigma Designs, Inc.
355 Fairview Way • Milpitas, CA, USA 95035 • Tel: 408.262.9003 • Fax: 408.957.9740
www.sigmadesigns.com • sales@sigmadesigns.com
Bitstream Demultiplexing
The host processor performs MPEG-4 file demultiplexing and system decod-
ing (except audio and video decoding), MPEG-2 transport and program
stream and MPEG-1 system stream demultiplexing. The EM847x operates as
a PCI bus master while audio and video elementary streams are transferred
from host system memory to EM847x memory by the EM847x’s DMA engine.
Software drivers for the x86, available from Sigma Designs, include MPEG-4
audio decode, MPEG-2 transport and program stream demultiplex, MPEG-1
system stream demultiplex and DVD-Video/SVCD/VCD stream demultiplex
and navigation. Supported operating systems for our x86-based reference
designs include Windows® XP Embedded, Windows CE .NET and Linux. For
other operating systems and hardware platforms, our Professional Services
Group can assist in supporting your requirements.
DVD-Video Decryption
The EM847x includes decryption logic and supports DVD-Video CSS proce-
dural specifications. It also fully supports DVD-Video control features includ-
ing up to 8 language sound tracks, 32 subtitle settings, letterbox, pan and
scan, multi-angles and 3:2 pull-down.
MPEG Video Decoding
The MPEG video decoder engine contains the following modules used for
MPEG-1, MPEG-2 and MPEG-4 video decoding:
• MPEG-1 & 2 Huffman Decoder
• MPEG-4 Huffman Decoder
• Motion Compensation
•IDCT
• Inverse Quantizer
• AC / DC Predictor
The Huffman Decoder receives bitstream data from DRAM and works in col-
laboration with the internal RISC processor to decode bitstream elements
down to the block level. It then decodes transformed coefficients and sends
them to the Inverse Quantizer. The Inverse Quantizer mainly performs two
consecutive multiplications on the transformed coefficients (quantizer scale
and quantizer matrix) and sends them to the IDCT. The IDCT converts them
into pixels (or pixel differences for non-intra pictures), which are sent to the
Motion Compensation block. The Motion Compensation block loads decoded
macroblocks from DRAM (for prediction), adds the pixel differences and
stores the result back to DRAM.
Common Features
• Programmable display output with improved
scaling up to 1920x1080 resolution, interlaced
or progressive, up to 120 Hz refresh
• 2-, 4-, 7- or 8-bit OSD with optional run-length
compression, alpha blending and flicker
filtering
• 80 MHz digital video output interface: 8- or 16-
bit CCIR 601 / 656 YCbCr
• Improved NTSC/PAL composite and s-video
outputs with optional Macrovision v7.1
protection and VBI data support (10-bit DACs)
• Digital audio output interface: I2S for PCM or
S/PDIF (IEC 60958) for PCM, compressed
Dolby Digital and compressed DTS
• Improved PCI v2.1 bus master / slave interface
supports both read and write operations
• 2.5V core with 3.3V I/O (5V tolerant) for low
power operation
• Package: 208 PQFP for EM8470 and EM8471
(pin compatible with EM8400), 328 BGA for
EM8475 and EM8476
EM8475 / EM8476 Features
• Digital audio input interface: I2S
• 80 MHz digital video input interface: 8- or 16-
bit CCIR 601 / 656 YCbCr supporting
resolutions up to 1920x1080i
• 80 MHz 24-bit digital RGB output interface for
DVI with HDCP support
• Interlaced or progressive analog RGB or
YPbPr video outputs with optional Macrovision
AGC v1.03 protection and VBI data support
(10-bit DACs)
• Stereo audio DACs
• Flexible Local Bus interface
Applications
• Consumer products needing PVR and
playback of video-on-demand (VOD),
streaming video, progressive DVD
• Set-top boxes, media/home gateways, video
end points, convergence appliances


Similar Part No. - EM8475

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM84 ETC2-EM84 Datasheet
60Kb / 3P
   TUNING INDICATOR
EM8400 ETC1-EM8400 Datasheet
99Kb / 8P
   MPEG-2 Decoder for Set-top, DVD and Streaming Applications
EM8401 ETC1-EM8401 Datasheet
99Kb / 8P
   MPEG-2 Decoder for Set-top, DVD and Streaming Applications
logo
ELAN Microelectronics C...
EM84100 EMC-EM84100 Datasheet
157Kb / 6P
   CORDLESS MOUSE ENCODER
EM84100B EMC-EM84100B Datasheet
157Kb / 6P
   CORDLESS MOUSE ENCODER
More results

Similar Description - EM8475

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM8400 ETC1-EM8400 Datasheet
99Kb / 8P
   MPEG-2 Decoder for Set-top, DVD and Streaming Applications
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
STMicroelectronics
STB7100 STMICROELECTRONICS-STB7100 Datasheet
136Kb / 2P
   Low-cost set-top box decoder chip for MPEG-4 AVC and HD MPEG-2
STI5206 STMICROELECTRONICS-STI5206 Datasheet
90Kb / 4P
   Advanced SD decoder for set-top box applications
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
   Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
   Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
STI7110FTA STMICROELECTRONICS-STI7110FTA Datasheet
78Kb / 4P
   HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
STI5500 STMICROELECTRONICS-STI5500 Datasheet
317Kb / 11P
   SET TOP BOX / DVD BACKEND DECODER WITH INTEGRATED HOST PROCESSOR
STI5189 STMICROELECTRONICS-STI5189 Datasheet
149Kb / 9P
   Low-cost QPSK demodulator and MPEG2 decoder for set-top box applications
STI7111 STMICROELECTRONICS-STI7111 Datasheet
87Kb / 4P
   Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com