Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM91710B Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM91710B
Description  TONE/PULSE SWITCHABLE DIALER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91710B Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM91710B Datasheet HTML 4Page - ELAN Microelectronics Corp EM91710B Datasheet HTML 5Page - ELAN Microelectronics Corp EM91710B Datasheet HTML 6Page - ELAN Microelectronics Corp EM91710B Datasheet HTML 7Page - ELAN Microelectronics Corp EM91710B Datasheet HTML 8Page - ELAN Microelectronics Corp EM91710B Datasheet HTML 9Page - ELAN Microelectronics Corp EM91710B Datasheet HTML 10Page - ELAN Microelectronics Corp EM91710B Datasheet HTML 11Page - ELAN Microelectronics Corp EM91710B Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
* This specification are subject to be changed without notice.
EM91710A/B
TONE/PULSE SWITCHABLE DIALER
8
9.30.1997
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature is 25
°C, All voltage referenced to V
SS. )
Parameter
Sym.
Ratings
Unit
Power Supply Voltage
V
DD
6.0
V
Input Voltage Range
V
IN
-0.3 ~ V
DD
+ 0.3
V
Operating Temperature
T
OPR
0 ~ 50
˚C
Storage Temperate
T
STO
-55 ~125
˚C
Power Dissipation
P
D
500
mw
ELECTRICAL CHARACTERISTICS (I) (Ambient Temperature is 25
°C, All voltage referenced to V
SS , VDD = 2.5V,
unless otherwise noted
.)
(General purpose specification, fosc. = 3.579545 MHz)
Parameter
Sym.
Conditions
Min.
Typ.
Max.
Unit
Tone
2.5
-
5.5
Pulse
2.0
-
5.5
V
Memory retension
1.0
-
5.5
Tone
-
0.6
2
mA
Pulse
-
0.2
0.5
mA
ON-HOOK, No Keypad entry
-
0.1
1
µA
ON-HOOK, V
DD = 1.0V
-
0.1
0.2
µA
V
SS
-
0.3V
DD
V
0.7V
DD
-V
DD
V
Vxmute = 6.0V
-
-
1
µA
Vxmute = 0.5V
0.2
0.5
-
mA
Vhks = 2.5V
-
-
0.1
µA
*Vn = 0V,
4
10
30
µA
*Vn = 2.5V,
200
400
800
µA
-20
-
ms
Vhfi=0
-
200
-
K
Vhfo = 2.0V
0.5
-
-
mA
Vhfo = 0.5V
0.5
-
-
mA
OFF-HOOK, Keypad entry
Operating Voltage
V
DD
Operating Current
Iop
Standby Current
Is
Memory retention current
Imr
Control pin input voltage
Vil
Vih
XMUTE pin
leakage current
Imth
sink current
Imtl
HKS pin input current
Ihks
Keyboard scanning pin
drive current
Ikbd
sink current
Ikbs
Key-in debounce time
t
DB
HFI pin input resistor
Rhfi
HFO pin
drive current
Ihdoh
sink current
Ihdol
* Vn : Input voltage of any keyboard scanning pin (Row group, Column group).


Similar Part No. - EM91710B

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203A EMC-EM91203A Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203AP EMC-EM91203AP Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203B EMC-EM91203B Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203BP EMC-EM91203BP Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
More results

Similar Description - EM91710B

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
HM91710A EMC-HM91710A Datasheet
131Kb / 19P
   TONE/PULSE SWITCHABLE DIALER
logo
OKI electronic componet...
MSM6052 OKI-MSM6052 Datasheet
851Kb / 21P
   TONE/PULSE SWITCHABLE REPERTORY DIALER
logo
List of Unclassifed Man...
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
HM9114 ETC1-HM9114 Datasheet
118Kb / 1P
   TONE/PULSE SWITCHABLE & 15 MEMORY DIALER
logo
LG Semicon Co.,Ltd.
GM6390 LG-GM6390 Datasheet
279Kb / 11P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
List of Unclassifed Man...
HM9104 ETC-HM9104 Datasheet
78Kb / 1P
   TONE/PULSE SWITCHABLE & 4 MEMORY DIALER
logo
Winbond
WE9140 WINBOND-WE9140 Datasheet
712Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
STMicroelectronics
MK53731 STMICROELECTRONICS-MK53731 Datasheet
525Kb / 8P
   SINGLE NUMBER PULSE TONE SWITCHABLE DIALER
logo
Winbond
WE9142 WINBOND-WE9142 Datasheet
728Kb / 16P
   10-MEMORY TONE/PULSE SWITCHABLE DIALER
logo
List of Unclassifed Man...
HM9112 ETC-HM9112 Datasheet
116Kb / 1P
   Tone/Pulse Switchable & 10 Memory Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com