Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV512-45RTI Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN29LV512-45RTI
Description  512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV512-45RTI Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN29LV512-45RTI Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29LV512-45RTI Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29LV512-45RTI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29LV512-45RTI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV512-45RTI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV512-45RTI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV512-45RTI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV512-45RTI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV512-45RTI Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
1
EN29LV512
Rev. B, Issue Date: 2004/01/05
da0.
FEATURES
• Single power supply operation
- Full voltage range: 2.7-3.6 volt read and write
operations for battery-powered applications.
- Regulated voltage range: 3.0-3.6 volt read
and write operations for high performance
3.3 volt microprocessors.
• High performance
- Full voltage range: access times as fast as 55
ns
- Regulated voltage range: access times as fast
as 45ns
• Low power consumption (typical values at 5
MHz)
- 7 mA typical active read current
- 15 mA typical program/erase current
- 1
µA typical standby current (standard access
time to active mode)
• Flexible Sector Architecture:
- Four 16 Kbyte sectors
- Supports full chip erase
- Individual sector erase supported
- Sector protection and unprotection:
Hardware locking of sectors to prevent
program or erase operations within individual
sectors
• High performance program/erase speed
- Byte program time: 8µs typical
- Sector erase time: 500ms typical
• JEDEC Standard program and erase
commands
• JEDEC standard DATA polling and toggle bits
feature
• Single Sector and Chip Erase
• Embedded Erase and Program Algorithms
• Erase Suspend / Resume modes:
Read or program another Sector during
Erase Suspend Mode
• triple-metal double-poly triple-well CMOS Flash
Technology
• Low Vcc write inhibit < 2.5V
>100K program/erase endurance cycle
• Package options
-
- 8mm x 20mm 32-pin TSOP (Type 1)
- 8mm x 14mm 32-pin TSOP (Type 1)
- 32-pin PLCC
• Commercial and industrial Temperature Range
GENERAL DESCRIPTION
The EN29LV512 is a 512-Kbit, electrically erasable, read/write non-volatile flash memory, organized
as 65,536 bytes. Any byte can be programmed typically in 8µs. The EN29LV512 features 3.0V
voltage read and write operation, with access times as fast as 45ns to eliminate the need for WAIT
states in high-performance microprocessor systems.
The EN29LV512 has separate Output Enable ( OE ), Chip Enable ( CE ), and Write Enable (WE)
controls, which eliminate bus contention issues. This device is designed to allow either single
Sector or full chip erase operation, where each Sector can be individually protected against
program/erase operations or temporarily unprotected to erase or program. The device can sustain a
minimum of 100K program/erase cycles on each Sector.
EN29LV512
512 Kbit (64K x 8-bit ) Uniform Sector,
CMOS 3.0 Volt-only Flash Memory


Similar Part No. - EN29LV512-45RTI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010-45RJC EON-EN29LV010-45RJC Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010-45RJCP EON-EN29LV010-45RJCP Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010-45RJI EON-EN29LV010-45RJI Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010-45RJIP EON-EN29LV010-45RJIP Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results

Similar Description - EN29LV512-45RTI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29512A AMICC-A29512A Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29512 AMICC-A29512 Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040_11 Datasheet
350Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Advanced Micro Devices
AM29LV040B AMD-AM29LV040B_06 Datasheet
695Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV040B AMD-AM29LV040B Datasheet
38Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com