Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLM8596-12F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FLM8596-12F
Description  X, Ku-Band Internally Matched FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FLM8596-12F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FLM8596-12F Datasheet HTML 1Page - List of Unclassifed Manufacturers FLM8596-12F Datasheet HTML 2Page - List of Unclassifed Manufacturers FLM8596-12F Datasheet HTML 3Page - List of Unclassifed Manufacturers FLM8596-12F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FLM8596-12F
X, Ku-Band Internally Matched FET
+j250
+j100
+j50
+j25
+j10
0
-j10
-j25
-j50
-j100
-j250
S11
S22
180
°
+90
°
0
°
-90
°
S21
S12
0.2
0.1
SCALE FOR |S12|
25
50
250
2
3
4
9.7 GHz
9.7 GHz
9.6
9.6
9.4
9.4
9.2
9.2
9.0
9.0
8.8
8.8
8.6
8.6
8.5
8.5
8.4
8.4
1
9.7 GHz
9.7 GHz
9.6
9.6
9.4
9.4
9.2
9.2
9.0
9.0
8.8
8.8
8.6
8.6
8.5
8.5
8.4
8.4
S-PARAMETERS
VDS = 10V, IDS = 3600mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
8400
.807
-153.6
2.559
-34.3
.020
36.9
.140
163.4
8500
.775
-166.9
2.660
-47.8
.018
-9.5
.159
130.9
8600
.739
179.0
2.757
-61.1
.018
-38.2
.187
106.1
8700
.703
164.6
2.789
-74.3
.022
-68.2
.220
86.6
8800
.663
149.5
2.793
-87.6
.024
-87.6
.262
72.5
8900
.634
134.3
2.789
-100.5
.028
-112.9
.287
60.8
9000
.611
120.0
2.747
-112.7
.034
-125.5
.313
50.1
9100
.587
105.9
2.707
-124.2
.039
-142.3
.335
41.1
9200
.574
93.1
2.671
-135.5
.040
-156.6
.354
34.4
9300
.561
80.8
2.640
-146.3
.051
-165.1
.369
25.7
9400
.550
68.8
2.640
-156.5
.052
180.0
.381
20.0
9500
.537
57.8
2.634
-167.3
.056
168.7
.390
11.8
9600
.520
46.9
2.643
-178.0
.063
161.6
.390
5.9
9700
.506
36.2
2.680
171.1
.070
152.0
.391
0.0


Similar Part No. - FLM8596-12F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM8596-15F ETC-FLM8596-15F Datasheet
177Kb / 5P
   X-Band Internally Matched FET
More results

Similar Description - FLM8596-12F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM0910-3F EUDYNA-FLM0910-3F Datasheet
311Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-20F EUDYNA-FLM1011-20F Datasheet
280Kb / 5P
   X,Ku-Band Internally Matched FET
FLM1213-8F EUDYNA-FLM1213-8F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1314-6F EUDYNA-FLM1314-6F Datasheet
300Kb / 4P
   X, Ku-Band Internally Matched FET
FLM0910-8F EUDYNA-FLM0910-8F Datasheet
259Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-6F EUDYNA-FLM1011-6F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1213-12F EUDYNA-FLM1213-12F Datasheet
254Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-6F EUDYNA-FLM1414-6F Datasheet
296Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-12F EUDYNA-FLM1414-12F Datasheet
252Kb / 4P
   X, Ku-Band Internally Matched FET
logo
List of Unclassifed Man...
FLM8596-4F ETC1-FLM8596-4F Datasheet
305Kb / 4P
   X, Ku-Band Internally Matched FET
FLM8596-8F ETC-FLM8596-8F Datasheet
251Kb / 4P
   X, Ku-Band Internally Matched FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com