Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24C64 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FM24C64
Description  FM24C64
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FM24C64 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FM24C64 Datasheet HTML 1Page - List of Unclassifed Manufacturers FM24C64 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM24C64 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM24C64 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM24C64 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24C64 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24C64 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24C64 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24C64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
深圳市宝安南路 3083 号蔡屋围发展大厦 2204 房 邮编:518008
电话 0755 82128054 82127939
传真 0755 82127969
E-mail: information@huazhoucn.com 网址
www.ramtron.com.cn
引脚定义
名称
I/O
描述
A1-A2
输入
地址1-2: FM24C04物理地址. 在两线协议中从地址的装置值应与这两脚
的信号一样
SDA
I/O
串行数据/地址: 在两线协议中
这是一个双向数据线
用来送串行数据
和地址
它为开漏输出
在两线总线上可和其它装置线或
需要加上拉
电阻
SCL
输入
串行时钟: 两线接口串行时钟输入
数据在SCL的下降沿输出
数据在
SCL的上升沿输入
需要加上拉电阻
WP
输入
写保护: 当WP为高电平时, 写保护地址从100H到1FFH
FM24C04将不会应
答写入被保护的地址的数据
WP拉低
这些特性不起作用
WP脚位不应
悬空
NC
空脚
空脚
VDD
电源
电源电压: 5V
PDF created with FinePrint pdfFactory trial version http://www.fineprint.com


Similar Part No. - FM24C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
Ramtron International C...
FM24C64 RAMTRON-FM24C64 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64 Datasheet
7Mb / 28P
   VersaKit-30xx Development System Overview
Rev 2.0
FM24C64-G RAMTRON-FM24C64-G Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM24C64-S RAMTRON-FM24C64-S Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com