Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3NA-220B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G3NA-220B
Description  Solid-state Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G3NA-220B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G3NA-220B Datasheet HTML 1Page - List of Unclassifed Manufacturers G3NA-220B Datasheet HTML 2Page - List of Unclassifed Manufacturers G3NA-220B Datasheet HTML 3Page - List of Unclassifed Manufacturers G3NA-220B Datasheet HTML 4Page - List of Unclassifed Manufacturers G3NA-220B Datasheet HTML 5Page - List of Unclassifed Manufacturers G3NA-220B Datasheet HTML 6Page - List of Unclassifed Manufacturers G3NA-220B Datasheet HTML 7Page - List of Unclassifed Manufacturers G3NA-220B Datasheet HTML 8Page - List of Unclassifed Manufacturers G3NA-220B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
G3NA
G3NA
158
Accessories (Order Separately)
Heat Sink
The following heat sinks are thin and can be DIN-track mounted
(except Y92B-P250).
See
Dimensions for details.
Model
Applicable SSR
Y92B-N50
G3NA-205B, G3NA-210B, G3NA-D210B,
G3NA-410B, G3NE-205T(L), G3NE-210T(L)
Y92B-N100
G3NA-220B, G3NA-420B, G3NE-220T(L)
Y92B-N150
G3NA-240B, G3NA-440B
Y92B-P250
G3NA-450B
Low-cost Models
Model
Applicable SSR
Y92B-A100
G3NA-205B, G3NA-210B, G3NA-D210B,
G3NA-220B, G3NA-410B, G3NA-420B
Y92B-A150N
G3NA-240B, G3NA-440B
Y92B-A250
G3NA-440B
Mounting Bracket
Used to mount the G3NA with a mounting dimension of 56 mm.
Model
Applicable SSR
R99-11
G3NA-240B, G3NA-440B
See
Dimensions for details. (Refer to page 164.)
Specifications
Ratings
Input (Ambient Temperature: 25
°C)
Model
Rated voltage
Operating voltage
Impedance
Voltage level
Must operate
voltage
Must release
voltage
G3NA-2
jjB
5 to 24 VDC
4 to 32 VDC
7 mA max.*
4 VDC max.
1 VDC min.
100 to 120 VAC
75 to 132 VAC
36 k
Ω±20%
75 VAC max.**
20 VAC min.**
200 to 240 VAC
150 to 264 VAC
72 k
Ω±20%
150 VAC max.**
40 VAC min.**
G3NA-4
jjB
5 to 24 VDC
4 to 32 VDC
5 mA max.*
4 VDC max.
1 VDC min.
G3NA-D210B
100 to 240 VAC
75 to 264 VAC
72 k
Ω±20%
75 VAC max.
20 VAC min.
Note:
The input impedance is measured at the maximum value of the rated supply voltage (for example, with the model rated at 100 to
120 VAC, the input impedance is measured at 120 VAC).
*With constant current input circuit system. The impedance for the G3NA-
jjjB-UTU is 15 mA max.
**Refer to the
Engineering Data for further details.
Output
Model
Applicable load
Rated load voltage
Load voltage range
Load current
Inrush current
With heat sink*
Without heat sink
G3NA-205B
24 to 240 VAC
19 to 264 VAC
0.1 to 5 A
0.1 to 3 A
60 A (60 Hz, 1 cycle)
G3NA-210B
0.1 to 10 A
0.1 to 4 A
150 A (60 Hz, 1 cycle)
G3NA-410B
200 to 480 VAC
180 to 528 VAC
0.2 to 10 A
0.2 to 4 A
G3NA-220B
24 to 240 VAC
19 to 264 VAC
0.1 to 20 A
0.1 to 4 A
220 A (60 Hz, 1 cycle)
G3NA-420B
200 to 480 VAC
180 to 528 VAC
0.2 to 20 A
0.2 to 4 A
G3NA-240B
24 to 240 VAC
19 to 264 VAC
0.1 to 40 A
0.1 to 6 A
440 A (60 Hz, 1 cycle)
G3NA-440B
200 to 480 VAC
180 to 528 VAC
0.2 to 40 A
0.2 to 6 A
G3NA-450B
200 to 480 VAC
180 to 528 VAC
0.2 to 50 A
0.2 to 6 A
G3NA-D210B
5 to 200 VDC
4 to 220 VDC
0.1 to 10 A
0.1 to 4 A
20 A (10 ms)
*When OMRON’s heat sink (refer to the accessories) or a heat sink of specified size is used.


Similar Part No. - G3NA-220B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NA-220B OMRON-G3NA-220B Datasheet
1Mb / 18P
   Solid State Relay
More results

Similar Description - G3NA-220B

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com