Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3TB-OA203PZ-US Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # G3TB-OA203PZ-US
Description  Solid-state Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G3TB-OA203PZ-US Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G3TB-OA203PZ-US Datasheet HTML 1Page - List of Unclassifed Manufacturers G3TB-OA203PZ-US Datasheet HTML 2Page - List of Unclassifed Manufacturers G3TB-OA203PZ-US Datasheet HTML 3Page - List of Unclassifed Manufacturers G3TB-OA203PZ-US Datasheet HTML 4Page - List of Unclassifed Manufacturers G3TB-OA203PZ-US Datasheet HTML 5Page - List of Unclassifed Manufacturers G3TB-OA203PZ-US Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
G3TB
G3TB
35
Operation
Circuit Configuration
Type
Model
Case color
Indicator
Circuit
AC input
G3TB-IAZR02P
Yellow
Yes
Amplification
circuit
Rectification
circuit
Constant-cur-
rent circuit
DC input
G3TB-IDZR02P
White
Yes
Amplification
circuit
Constant-cur-
rent circuit
AC output
G3TB-OA203PZ
G3TB-OA203PL
Black
Yes
Zero cross
circuit
Drive circuit
Constant-cur-
rent circuit
G3TB-OA203PZM
G3TB-OA203PLM
No
DC output
G3TB-ODX03P
G3TB-OD201P
Red
Yes
Amplification
circuit
Constant-cur-
rent circuit
G3TB-ODX03PM
G3TB-OD201PM
No
Example of Logic Output Circuit
Example 1
Example 2
(+)
(–)
+3
4
–5
()
SW
4 to 32 VDC
3.3 K
Sequential
circuit or
CPU
Logic circuitry
(+)
(–)
+3
4
–5
()
SW
3.3 K
Load
Example: Relay
with built-in inrush
absorption diode
4 to 32 VDC
Note:
AC- and DC-input versions are available.
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
Input SSR
G3TB-I
PCB Dimensions
(Bottom View)
Terminal Arrangement
(Bottom View)
1
+
2
3
+
4
5
1
~
2
~
3
+
4
5
Vcc
Vcc
External input
Output
External input
Output
6.6
20.5
max.
6.05+0.1
10.16+0.1
22.86+0.1
27.94+0.1
33.02+0.1
43.5 max.
10 max.
23.2
2.54
2.54
6.05
10.16
12.7
5.08 5.08
Five, 1.3-dia. holes
Distributed by: Diamond Electronics Ltd
Tel: +44(0)1477 500450 Fax: +44(0)1477 500656 Mail: sales@diamondelec.co.uk
Web: www.diamondelec.co.uk


Similar Part No. - G3TB-OA203PZ-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TB-OA203PZ-US OMRON-G3TB-OA203PZ-US Datasheet
478Kb / 10P
   Solid State Relay
G3TB-OA203PZ-US OMRON-G3TB-OA203PZ-US Datasheet
395Kb / 8P
   Solid State Relay
More results

Similar Description - G3TB-OA203PZ-US

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com