Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3TB-OA203PL-US Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # G3TB-OA203PL-US
Description  Solid-state Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G3TB-OA203PL-US Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  G3TB-OA203PL-US Datasheet HTML 1Page - List of Unclassifed Manufacturers G3TB-OA203PL-US Datasheet HTML 2Page - List of Unclassifed Manufacturers G3TB-OA203PL-US Datasheet HTML 3Page - List of Unclassifed Manufacturers G3TB-OA203PL-US Datasheet HTML 4Page - List of Unclassifed Manufacturers G3TB-OA203PL-US Datasheet HTML 5Page - List of Unclassifed Manufacturers G3TB-OA203PL-US Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
G3TB
G3TB
37
Precautions
Refer to pages 5 to 13 for general precautions.
Mounting
The rated values shown in this data sheet are standard values at an
ambient temperature of 40%C.
PWB
Soldering must be finished within 5 s at a temperature of 250%C.
Close Mounting (G3TB)
Take heat radiation into consideration when mounting.
The distance between adjacent SSRs must be 5 mm minimum.
G3TB
I/O classification by the color is as follows:
100 to 240 VAC
5 to 24 VDC
5 to 24 VAC
5 to 24 VDC
100 to 240 VAC 3 A
5 to 24 VDC
(4 to 24 VDC)
AC equipment
G3TB-OA203PZ
G3TB-OA203PZM
Black
G3TB-OA203PL
G3TB-OA203PLM
AC output module
4 to 60 VDC/
40 to 200 VAC 3 A
5 to 24 VDC
(4 to 24 VDC)
DC equipment
G3TB-ODX03P
G3TB-ODX03PM
Red
G3TB-OD201P*
G3TB-OD201PM*
DC output module
AC equipment
G3TB-IAZR02P
AC input module
Yellow
DC equipment
G3TB-IDZR02P
DC input module
White
PC or logic circuitry
*With 1.5-A output.
When mounting more than one output module, make a distance of 5
mm minimum between adjacent SSRs. Up to 16-point, 3-A load
switching is possible.
5 mm min.
Output module
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Distributed by: Diamond Electronics Ltd
Tel: +44(0)1477 500450 Fax: +44(0)1477 500656 Mail: sales@diamondelec.co.uk
Web: www.diamondelec.co.uk


Similar Part No. - G3TB-OA203PL-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TB-OA203PL-US OMRON-G3TB-OA203PL-US Datasheet
478Kb / 10P
   Solid State Relay
G3TB-OA203PL-US OMRON-G3TB-OA203PL-US Datasheet
395Kb / 8P
   Solid State Relay
More results

Similar Description - G3TB-OA203PL-US

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com