Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3NA-D210B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G3NA-D210B
Description  Solid-state Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G3NA-D210B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G3NA-D210B Datasheet HTML 1Page - List of Unclassifed Manufacturers G3NA-D210B Datasheet HTML 2Page - List of Unclassifed Manufacturers G3NA-D210B Datasheet HTML 3Page - List of Unclassifed Manufacturers G3NA-D210B Datasheet HTML 4Page - List of Unclassifed Manufacturers G3NA-D210B Datasheet HTML 5Page - List of Unclassifed Manufacturers G3NA-D210B Datasheet HTML 6Page - List of Unclassifed Manufacturers G3NA-D210B Datasheet HTML 7Page - List of Unclassifed Manufacturers G3NA-D210B Datasheet HTML 8Page - List of Unclassifed Manufacturers G3NA-D210B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
157
Solid-state Relay
G3NA
A Wide Range of Models with 5- to 40-A
Output Currents and Up to
480-VAC/200-VDC Output Voltages
All models feature the same compact dimensions
to provide a uniform mounting pitch.
Built-in varistor effectively absorb external surges.
Operation indicator (red LED) enables monitoring
operation.
Protective cover for greater safety.
Standard models approved by UL/CSA and -UTU
models by VDE (TÜV).
RCE
Ordering Information
Isolation
Zero cross
function
Indicator
Rated output load
(Applicable output load)
Rated input voltage
Model
Phototriac
Yes
Yes
5 A at 24 to 240 VAC*
(19 t 264 VAC)
5 to 24 VDC
G3NA-205B
Photocoupler
5a
o
0
C
(19 to 264 VAC)
100 to 120 VAC
Photocou ler
200 to 240 VAC
Phototriac
10 A at 24 to 240 VAC*
(19 t 264 VAC)
5 to 24 VDC
G3NA-210B
Photocoupler
0a
o
0
C
(19 to 264 VAC)
100 to 120 VAC
o ocou e
200 to 240 VAC
10 A at 200 to 480 VAC*
(180 t 528 VAC)
5 to 24 VDC
G3NA-410B
0
a
00 o 80
C
(180 to 528 VAC)
100 to 240 VAC
---
10 A at 5 to 200 VDC
(4 t 220 VDC)
5 to 24 VDC
G3NA-D210B
0
a5o 00
C
(4 to 220 VDC)
100 to 240 VAC
Phototriac
Yes
20 A at 24 to 240 VAC*
(19 t 264 VAC)
5 to 24 VDC
G3NA-220B
Photocoupler
0a
o
0
C
(19 to 264 VAC)
100 to 120 VAC
o ocou e
200 to 240 VAC
20 A at 200 to 480 VAC*
(180 t 528 VAC)
5 to 24 VDC
G3NA-420B
0
a
00 o 80
C
(180 to 528 VAC)
100 to 240 VAC
Phototriac
40 A at 24 to 240 VAC*
(19 t 264 VAC)
5 to 24 VDC
G3NA-240B
Photocoupler
0a
o
0
C
(19 to 264 VAC)
100 to 120 VAC
o ocou e
200 to 240 VAC
40 A at 200 to 480 VAC*
(180 t 528 VAC)
5 to 24 VDC
G3NA-440B
0
a
00 o 80
C
(180 to 528 VAC)
100 to 240 VAC
50 A at 200 to 480 VAC*
(180 to 528 VAC)
5 to 24 VDC
G3NA-450B
*Loss time increases under 75 VAC. (Refer to page 164.)
Note:
When ordering a TÜV-approved model, add “-UTU” to the model number as shown below:
Example: G3NA-210B-UTU


Similar Part No. - G3NA-D210B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NA-D210B OMRON-G3NA-D210B Datasheet
1Mb / 18P
   Solid State Relay
More results

Similar Description - G3NA-D210B

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com