Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G261 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G261
Description  Low Voltage Differential (LVD) SCSI 27 Line Regulator Set
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G261 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G261 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G261 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G261 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G261 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G261 Datasheet HTML 5Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ver 3.2
Dec 13, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G261
Global Mixed-mode Technology Inc.
Application Information
Figure 1. LVD SCSI Discrete Resistor Stack
Table1. Resistor Network v.s Standard
OUTPUTS
SPECIFICATION
107.3Diff
100to 110
112.9mV Diff Bias
100mV to 125mV
237Common Mode
100to 300
1.25V Common Mode
1.2V to 1.30V
Application Note: The resistor network, along with the 1.75V and 0.75V references will give the correct dif-
ferential impedance, bias voltage, common mode impedance and common mode voltage as show in Table
1.
Layout guideline:
1. For stable operation, the 1µF capacitor on TERMPWR pin and 4.7µF capacitors on REG1 and REG2
pins must be placed within 0.25 inch of their respective pins.
2. The PCB trace length form Lx- and Lx+ to the connector pins (all 27pairs) must be of equal length, in or-
der to minimize the signal skew among these pairs. In addition, these traces must be as short as possible,
in order to minimize capacitance.
REF
1.3V
SOURCE/SINK REGULATOR
50 mA SOURCE/SINK
TERMPWR
50 mA SOURCE/SINK
DIFFSENSE
REG1
REG2
SOURCE 5 to 15mA
REF
1.75V
REF
0.75V
SOURCE/SINK REGULATOR
4.7µF
4.7µF
121 1%
121 1%
L1-
L1+
L27-
L27+
475 1%
475 1%
475 1%
PGND
475 1%
1.3V ±0.1V
1.75V ±50mV
0.75V ±50mV
1µF
DIFFSENSE: SOURCE ONLY
FROM TERMPWR
to DIFFSENS pin
REF
1.3V
SOURCE/SINK REGULATOR
50 mA SOURCE/SINK
TERMPWR
50 mA SOURCE/SINK
DIFFSENSE
REG1
REG2
SOURCE 5 to 15mA
REF
1.75V
REF
0.75V
SOURCE/SINK REGULATOR
4.7µF
4.7µF
121 1%
121 1%
L1-
L1+
L27-
L27+
475 1%
475 1%
475 1%
PGND
475 1%
1.3V ±0.1V
1.75V ±50mV
0.75V ±50mV
1µF
DIFFSENSE: SOURCE ONLY
FROM TERMPWR
to DIFFSENS pin


Similar Part No. - G261

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2610 GMT-G2610 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
G2619 GMT-G2619 Datasheet
109Kb / 1P
   High Efficiency, Constant Current 20V White- LEDs Driver
logo
IDEA.lnc.
G261B IDEA-G261B Datasheet
52Kb / 1P
   T-1, (3-mm) Round, PCB Mount Right Angle Array
More results

Similar Description - G261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC561 TI-UCC561 Datasheet
192Kb / 8P
[Old version datasheet]   Low Voltage Differential SCSI LVD 27 Line Regulator Set
logo
Maxim Integrated Produc...
DS2129 MAXIM-DS2129 Datasheet
195Kb / 5P
   LVD SCSI 27-Line Regulator
Rev 1; 2/06
logo
Dallas Semiconductor
DS2129 DALLAS-DS2129 Datasheet
158Kb / 5P
   LVD SCSI 27-Line Regulator
logo
Microsemi Corporation
LX5261 MICROSEMI-LX5261 Datasheet
148Kb / 6P
   27-Line LVD SCSI Source/Sink Regulator
logo
Texas Instruments
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5640 TI-UCC5640 Datasheet
171Kb / 10P
[Old version datasheet]   Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5641 TI-UCC5641 Datasheet
66Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5510 TI-UCC5510 Datasheet
40Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5630 TI1-UCC5630_08 Datasheet
65Kb / 5P
[Old version datasheet]   Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com