Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-13-S Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # G2R-13-S
Description  General-purpose Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G2R-13-S Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button G2R-13-S Datasheet HTML 3Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 4Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 5Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 6Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 7Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 8Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 9Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 10Page - List of Unclassifed Manufacturers G2R-13-S Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
G2RS
G2RS
9
Back Connecting Sockets
P2R-05P (1-pole)
1
47
6
4.5
15
4
3.5
1.2
1.5
74
36 max.
14.5 max.
35.5 max.
Tolerance:
±0.1
4
6
4.5
Five
1.6-dia.
holes
15
4
7
(5)
Mounting Holes
Terminal Arrangement
P2R-08P (2-pole)
4
7
0.3
5
5
20
1
2.8
1.5
7.5
36 max.
Terminal plate thickness: 0.3
14.5 max.
35.5 max.
7.5
Eight 1.3-dia. holes
5
5
20
(4.3)
Mounting Holes
Terminal Arrangement
P2R-05A (1-pole)
Panel Cutout
Terminal Arrangement
P2R-08A (2-pole)
7
5
1.2
0.3
6.7
3.8
16.7
5
Five 3 x 1.8-dia. holes
6
36 max.
Terminal plate thickness: 0.3
14.5 max.
35.5 max.
7
1.2
0.3
5
36 max.
Terminal plate thickness: 0.3
14.5 max.
35.5 max.
7
5
20
2.8
2.8
2.6
Eight 3 x 1.2-dia. holes
7.5
13.6
±0.1
30.5
±0.2
Recommended thickness of
the panel is 1.6 to 2.0 mm


Similar Part No. - G2R-13-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-13-S OMRON-G2R-13-S Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-13-SN OMRON-G2R-13-SN Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-13-SND OMRON-G2R-13-SND Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
More results

Similar Description - G2R-13-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com