Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G528A Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G528A
Description  USB High-Side Power Switch Advance Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G528A Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G528A Datasheet HTML 1Page - Global Mixed-mode Technology Inc G528A Datasheet HTML 2Page - Global Mixed-mode Technology Inc G528A Datasheet HTML 3Page - Global Mixed-mode Technology Inc G528A Datasheet HTML 4Page - Global Mixed-mode Technology Inc G528A Datasheet HTML 5Page - Global Mixed-mode Technology Inc G528A Datasheet HTML 6Page - Global Mixed-mode Technology Inc G528A Datasheet HTML 7Page - Global Mixed-mode Technology Inc G528A Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ver: 1.2
May 17, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G528/G528A
Global Mixed-mode Technology Inc.
Package Information
Note:
1. Package body sizes exclude mold flash and gate burrs
2. Dimension L is measured in gage plane
3. Tolerance 0.10mm unless otherwise specified
4. Controlling dimension is millimeter converted inch dimensions are not necessarily exact.
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.35
1.60
1.75
0.053
0.063
0.069
A1
0.10
---
0.25
0.004
---
0.010
A2
----
1.45
---
---
0.057
---
B
0.33
---
0.51
0.013
---
0.020
C
0.19
---
0.25
0.007
---
0.010
D
4.80
---
5.00
0.189
---
0.197
E
3.80
---
4.00
0.150
---
0.157
e
-----
1.27
----
---
0.050
---
H
5.80
---
6.20
0.228
---
0.244
L
0.40
----
1.27
0.016
---
0.050
y
-----
----
0.10
---
---
0.004
θ
----
---
Taping Specification
PACKAGE
Q’TY/REEL
SOP-8
2,500 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Feed Direction
Typical SOP Package Orientation
Feed Direction
Typical SOP Package Orientation
D
E
H
7
° (4X)
A1
A2
A
e
B
y
C
L
θ
D
E
H
7
° (4X)
A1
A2
A
e
B
y
C
L
θ


Similar Part No. - G528A

ManufacturerPart #DatasheetDescription
logo
Heyco.
G5280 HEYCO-G5280 Datasheet
114Kb / 1P
   Plugs for Square Tubing
logo
Global Mixed-mode Techn...
G5281 GMT-G5281 Datasheet
350Kb / 1P
   Slew Rate Controlled Load Switch
logo
Heyco.
G5281 HEYCO-G5281 Datasheet
114Kb / 1P
   Plugs for Square Tubing
G5282 HEYCO-G5282 Datasheet
114Kb / 1P
   Plugs for Square Tubing
logo
Global Mixed-mode Techn...
G5283 GMT-G5283 Datasheet
83Kb / 1P
   Dual Slew Rate Controlled Load Switch
More results

Similar Description - G528A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G525A GMT-G525A Datasheet
243Kb / 8P
   USB High-Side Power Switch Advance Information
G525 GMT-G525_15 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528_15 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G525 GMT-G525 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
   USB Power Controller Advance Information
MIC2012 MICREL-MIC2012 Datasheet
56Kb / 10P
   USB Power Controller Advance Information
MIC2529 MICREL-MIC2529 Datasheet
138Kb / 11P
   Single-Channel USB Power Controller Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com