Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-1A3-SND Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # G2R-1A3-SND
Description  General-purpose Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G2R-1A3-SND Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  G2R-1A3-SND Datasheet HTML 1Page - List of Unclassifed Manufacturers G2R-1A3-SND Datasheet HTML 2Page - List of Unclassifed Manufacturers G2R-1A3-SND Datasheet HTML 3Page - List of Unclassifed Manufacturers G2R-1A3-SND Datasheet HTML 4Page - List of Unclassifed Manufacturers G2R-1A3-SND Datasheet HTML 5Page - List of Unclassifed Manufacturers G2R-1A3-SND Datasheet HTML 6Page - List of Unclassifed Manufacturers G2R-1A3-SND Datasheet HTML 7Page - List of Unclassifed Manufacturers G2R-1A3-SND Datasheet HTML 8Page - List of Unclassifed Manufacturers G2R-1A3-SND Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
G2RS
G2RS
6
Engineering Data
Plug-in Relays
G2R-1-S
Switching voltage (V)
G2R-2-S
Switching voltage (V)
Max. Switching Capacity
AC
resistive load
DC
resistive load
AC inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
AC
resistive load
DC
resistive load
DC inductive load
(L/R = 7 ms)
AC inductive load
(cos
φ = 0.4)
Switching voltage (V)
G2R-13-S, G2R-1A3-S
AC inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
AC resistive
load
DC resistive load
Plug-in Relays
G2R-1-S
Switching current (A)
G2R-2-S
Switching current (A)
Life Expectancy
250-VAC/30-VDC
resistive load
250-VAC inductive load
(cos
φ = 0.4)
30-VDC inductive load (L/R = 7ms)
30-VDC inductive load (L/R = 7ms)
250-VAC/30-VDC
resistive load
250-VAC
inductive load
(cos
φ = 0.4)
5,000
1,000
500
100
50
5,000
1,000
500
100
50
Switching current (A)
G2R-13-S, G2R-1A3-S
250-VAC/30-VDC
resistive load
250-VAC (cos
φ = 0.4)/30-VDC
(L/R = 7 ms) inductive load
10,000
7,000
5,000
3,000
1,000
700
500
300
100
70
50
30
Ambient temperature (
°C)
Note:
The maximum voltage refers to the maximum
value in a varying range of operating power
voltage, not a continuous voltage.
Ambient Temperature vs Maximum Voltage
DC coil
AC coil


Similar Part No. - G2R-1A3-SND

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A3-SND OMRON-G2R-1A3-SND Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
More results

Similar Description - G2R-1A3-SND

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com