Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G965-18ADJP1UF Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G965-18ADJP1UF
Description  1.5A Low Dropout Regulator with Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G965-18ADJP1UF Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G965-18ADJP1UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G965-18ADJP1UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G965-18ADJP1UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G965-18ADJP1UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G965-18ADJP1UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G965-18ADJP1UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G965-18ADJP1UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G965-18ADJP1UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ver: 1.5
Apr 01, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G965
Global Mixed-mode Technology Inc.
Package Information
SOP-8 Package
Note:
1. Package body sizes exclude mold flash and gate burrs
2. Dimension L is measured in gage plane
3. Tolerance 0.10mm unless otherwise specified
4. Controlling dimension is millimeter converted inch dimensions are not necessarily exact.
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
1.45
1.60
1.75
0.057
0.063
0.069
A1
0.10
-----
0.25
0.004
-----
0.010
A2
1.35
1.45
1.55
0.053
0.057
0.061
B
0.306
-----
0.506
0.012
-----
0.020
C
0.153
-----
0.253
0.006
-----
0.010
D
4.81
-----
5.01
0.189
-----
0.197
E
3.84
-----
4.04
0.151
-----
0.159
e
-----
1.27
-----
-----
0.050
-----
H
5.84
-----
6.24
0.230
-----
0.246
L
0.45
-----
1.00
0.018
-----
0.039
θ
-----
-----
Taping Specification
PACKAGE
Q’TY/REEL
SOP-8
2,500 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
D
E
H
7
° (4X)
A1
A2
A
e
B
y
C
L
θ
D
E
H
7
° (4X)
A1
A2
A
e
B
y
C
L
θ
Feed Direction
Typical SOP Package Orientation
Feed Direction
Typical SOP Package Orientation


Similar Part No. - G965-18ADJP1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G965-18ADJP1UF GMT-G965-18ADJP1UF Datasheet
498Kb / 9P
   1.5A Low Dropout Regulator with Enable
More results

Similar Description - G965-18ADJP1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G965 GMT-G965_07 Datasheet
498Kb / 9P
   1.5A Low Dropout Regulator with Enable
G9965 GMT-G9965 Datasheet
42Kb / 1P
   1.5A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G965 GMT-G965_15 Datasheet
99Kb / 1P
   1.8A Low Dropout Regulator with Enable
G9731 GMT-G9731 Datasheet
43Kb / 1P
   4A Low Dropout Regulator with Enable
G961 GMT-G961 Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
G964 GMT-G964 Datasheet
41Kb / 1P
   1A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
TECHCODE SEMICONDUCTOR,...
TD5830A TECHCODE-TD5830A Datasheet
986Kb / 18P
   3A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com