Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G965-25ADJP1U Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G965-25ADJP1U
Description  1.5A Low Dropout Regulator with Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G965-25ADJP1U Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G965-25ADJP1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G965-25ADJP1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G965-25ADJP1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G965-25ADJP1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G965-25ADJP1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G965-25ADJP1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G965-25ADJP1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G965-25ADJP1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ver: 1.5
Apr 01, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G965
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
VEN=VIN, VIN =5V, IO = 0.5A, CIN = 4.7µF, COUT =10µF, TA = TJ = 25°C
Line Transient Response(G965-18)
Load Transient Response(G965-18)
Line Transient(G965-15)
Load Transient(G965-15)
Line Transient Response(G965-25)
Load Transient Response(G965-25)


Similar Part No. - G965-25ADJP1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G965-25ADJP1U GMT-G965-25ADJP1U Datasheet
498Kb / 9P
   1.5A Low Dropout Regulator with Enable
G965-25ADJP1UF GMT-G965-25ADJP1UF Datasheet
498Kb / 9P
   1.5A Low Dropout Regulator with Enable
More results

Similar Description - G965-25ADJP1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G965 GMT-G965_07 Datasheet
498Kb / 9P
   1.5A Low Dropout Regulator with Enable
G9965 GMT-G9965 Datasheet
42Kb / 1P
   1.5A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G965 GMT-G965_15 Datasheet
99Kb / 1P
   1.8A Low Dropout Regulator with Enable
G9731 GMT-G9731 Datasheet
43Kb / 1P
   4A Low Dropout Regulator with Enable
G961 GMT-G961 Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
G964 GMT-G964 Datasheet
41Kb / 1P
   1A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
TECHCODE SEMICONDUCTOR,...
TD5830A TECHCODE-TD5830A Datasheet
986Kb / 18P
   3A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com