Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G930T72T Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G930T72T
Description  3.5V 400mA Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G930T72T Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G930T72T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G930T72T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G930T72T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G930T72T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G930T72T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G930T72T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G930T72T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G930T72T Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ver: 4.5
May 13, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G930/G931
Global Mixed-mode Technology Inc.
3.5V 400mA Low Dropout Regulator
Features
Dropout voltage typically 0.8V @ IO = 400mA
Output current in excess of 400mA
Output voltage accuracy +3%/-2%
Quiescent current, typically 600
µµµµA
Internal short circuit current limit
Internal over temperature protection
General Description
The G930/G931 positive 3.5V voltage regulator fea-
tures the ability to source 400mA of output current
with a dropout voltage of typically 0.8V over the en-
tire operating temperature range. A low quiescent
current is provided over the entire output current
range. The typical quiescent current is 0.6mA. Fur-
thermore, the quiescent current is smaller when the
regulator is in the dropout mode (VIN < 3.5V).
Familiar regulator features such as over temperature
and over current protection circuits are provided to
prevent it from being damaged by abnormal operating
conditions.
Ordering Information
PIN OPTION
ORDER NUMBER
PACKAGE TYPE
1
2
3
G930T21U
SOT 89
VOUT
GND
VIN
G931T24U
SOT 89
GND
VIN
VOUT
* For other package types, pin options and package, please contact us at sales @gmt.com.tw
Order Number Identification
GXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T2 : SOT 89
1
2
3
U & D : Tape & Reel Direction
T6 : SOT 223
1 : VOUT
GND
VIN
T : Tube
T7 : SOT 23
2 : VOUT
VIN
GND
B : Bag
T8 : µTO92
3 : GND
VOUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Typical Application
Package Type
[Note 4] : Type of COUT
Top View
1
2
3
Top View
1
3
µTO 92
Top View
SOT 23
1
3
2
Top View
Top View
1
2
3
SOT 89、223
Top View
2
V
IN
G930
C1
0.47µF
IQ
V
OUT
I
O
C
OUT
10µF
Top View
Top View
1
2
3
Top View
1
3
µTO 92
Top View
SOT 23
1
3
2
Top View
Top View
1
2
3
SOT 89、223
Top View
2
V
IN
G930
C1
0.47µF
IQ
V
OUT
I
O
C
OUT
10µF


Similar Part No. - G930T72T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G930T21U GMT-G930T21U Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
G930T21UF GMT-G930T21UF Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
More results

Similar Description - G930T72T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
   3.7V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com