Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2995F1UF Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G2995F1UF
Description  DDR Termination Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2995F1UF Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G2995F1UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G2995F1UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G2995F1UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G2995F1UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G2995F1UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G2995F1UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G2995F1UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G2995F1UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G2995F1UF Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Ver: 1.7
May 10, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G2995
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
AVIN=2.5V, PVIN=2.5V, VDDQ=2.5V, CAVIN=0.1µF/Ceramic X7R/0603/6.3V/TDK, CPVIN=68µF/6.3V POSCAP Se-
ries/SANYO, CVTT=330µF*2/6.3V POSCAP Series/SANYO, TA=25°C, unless otherwise noted.
ILoad=0.5A Transient (Sinking)
ILoad=0.5A Transient (Sourcing)
ILoad=1A Transient (Sinking)
ILoad=1A Transient (Sourcing)
ILoad=1.5A Transient (Sinking)
ILoad=1.5A Transient (Sourcing)


Similar Part No. - G2995F1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
More results

Similar Description - G2995F1UF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
G2993 GMT-G2993 Datasheet
232Kb / 10P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com