Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G903T66U Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G903T66U
Description  3.3V 600mA Low Dropout Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G903T66U Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G903T66U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G903T66U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G903T66U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G903T66U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G903T66U Datasheet HTML 5Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ver: 1.4
Mar 03, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G903
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN=5V, CIN=10µF, COUT =10µF, TA=25°C, unless otherwise noted.)
0
0.5
1
1.5
2
2.5
0.5
1.5
2.5
3.5
4.5
PCB Top Copper Area (in
2)
0
0.5
1
1.5
2
2.5
25
45
65
85
TAMB (°C)
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
SOT-223 Max. Power Dissipation
vs. PCB Top Copper Area
TAMB = 25°C ; Still Air
SOT-223 Max. Power Dissipation
vs. TAMB (still air)
( Different PCB Top Copper Area )
Unit:in2
Recommended Minimum Footprint
SOT-223


Similar Part No. - G903T66U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G903AD-DC110 ETC1-G903AD-DC110 Datasheet
40Kb / 2P
   Electric Heater,Air Conditioning, Automotive, Refrigeration Refrigeration, Appliances, Ventilator
logo
Global Mixed-mode Techn...
G903 GMT-G903_15 Datasheet
66Kb / 1P
   3.3V 600mA Low Dropout Regulator
More results

Similar Description - G903T66U

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
   3.3V 600mA Low Dropout Regulator
logo
Eutech Microelectronics...
EUP7910A EUTECH-EUP7910A Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G933 GMT-G933 Datasheet
81Kb / 1P
   3.3V 600mA Low Dropout Regulator
G903 GMT-G903_15 Datasheet
66Kb / 1P
   3.3V 600mA Low Dropout Regulator
G911 GMT-G911_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_06 Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com